Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB303 Datasheet(PDF) 14 Page - ON Semiconductor

Part # FUSB303
Description  Autonomous USB Port Controller with I2C and GPIO Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB303 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button FUSB303 Datasheet HTML 10Page - ON Semiconductor FUSB303 Datasheet HTML 11Page - ON Semiconductor FUSB303 Datasheet HTML 12Page - ON Semiconductor FUSB303 Datasheet HTML 13Page - ON Semiconductor FUSB303 Datasheet HTML 14Page - ON Semiconductor FUSB303 Datasheet HTML 15Page - ON Semiconductor FUSB303 Datasheet HTML 16Page - ON Semiconductor FUSB303 Datasheet HTML 17Page - ON Semiconductor FUSB303 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
FUSB303
www.onsemi.com
14
Table 14. DEVICE TYPE (Address: 02h, Type: Read Only)
Bit #
Name
Size (Bits)
Description
7:0
DEVICE_TYPE[7:0]
8
01h: FUSB303
02h: FUSB303T
(metal option without dead battery Rd pull−downs)
Table 15. PORTROLE (See Note 9)
(Address: 03h, Reset Value: 0100_1nnnb (Reset value for bits nnn will be set by the state of the PORT/DEBUG_N pin either during
power up when EN_N is LOW or when Vdd is valid and EN_N goes HIGH to LOW) or when SW_RES is set HIGH. In dead battery mode,
nnn = 010 or configured as SNK) Type: Read/Write)
Bit #
Name
Size (Bits)
Description
7
Reserved
1
Do Not Use
6
ORIENTDEB
1
1: When a Debug Accessory is found, continue to orientation de-
tection if CC is on CC1 or CC2 (result is in Status.Orient[1:0])
5:4
TRY[1:0]
2
00: Disable (normal DRP detection for DRPs)
01: Enable Try.SNK state machine detection for DRP only
10: Enable Try.SRC state machine detection for DRP only
11: Disable (cannot have Try.SNK and Try.SRC active together)
3
AUDIOACC
1
1: Enable Audio Accessory Support
(Debug Accessory support is always enabled)
2
DRP
1
1: Configure device as a Dual Role Port
(see reset value text above)
1
SNK
1
1: Configure device as a Sink (see reset value text above)
0
SRC
1
1: Configure device as a Source (see reset value text above)
9. If DRP bit, SNK bit and SRC bit are all set to 1, then the priority of which Portrole the FUSB303 assumes is first priority is DRP, second priority
is SNK and last priority is SRC. See Manual register note below for priority between Manual register bits and Portrole register.
Table 16. CONTROL
Address: 04h, Reset Value: 0100_1011b, Type: Read/Write
Bit #
Name
Size (Bits)
Description
7:6
T_DRP[:0]
2
Sets the total period of the DRP toggle cycle
(i.e. Unattached.SNK period + Unattached.SRC period):
00: 60 ms
01: 70 ms
10: 80 ms
11: 90 ms
5:4
DRPTOGGLE[1:0]
2
Selects different timing for Dual Role Port Toggle between
Unattached.SNK State and Unattached.SRC State.
00: 60% in Unattached.SNK and 40% in Unattached.SRC
01: 50% in Unattached.SNK and 50% in Unattached.SRC
10: 40% in Unattached.SNK and 60% in Unattached.SRC
11: 30% in Unattached.SNK and 70% in Unattached.SRC
3
DCABLE_EN
1
1: Enable Dangling Cable internal methods to achieve a stable
attach
2:1
HOST_CUR[1:0]
2
Controls the pull−up current when device enabled as a Source
00: Reserved. Do not use.
01: 80
μA – Default USB Power
10: 180
μA – Medium Current Mode: 1.5 A
11: 330
μA – High Current Mode: 3 A
0
INT_MASK
1
1: Global interrupt mask to mask all interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com