Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307B Datasheet(PDF) 4 Page - ON Semiconductor

Part # FUSB307B
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307B Datasheet(HTML) 4 Page - ON Semiconductor

  FUSB307B Datasheet HTML 1Page - ON Semiconductor FUSB307B Datasheet HTML 2Page - ON Semiconductor FUSB307B Datasheet HTML 3Page - ON Semiconductor FUSB307B Datasheet HTML 4Page - ON Semiconductor FUSB307B Datasheet HTML 5Page - ON Semiconductor FUSB307B Datasheet HTML 6Page - ON Semiconductor FUSB307B Datasheet HTML 7Page - ON Semiconductor FUSB307B Datasheet HTML 8Page - ON Semiconductor FUSB307B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
FUSB307B
www.onsemi.com
4
Block Diagram
Figure 3. FUSB307B Block Diagram
USB PD PHY
CC Switch/
Sense
Clock
Gen.
VDD
INT_N
SDA1/SCL2
SCL1/SDA2
CC1
CC2
VCONN
VBUS
Prog Pull−
Up Current
Type−C
Control
CDR
CRC32
Tx
CRC32
Rx
4B5B
BMC
Enc.
BMC
Dec.
FUSB307B
ADDR/
ORIENT
USB
PD
FSM
Discharge
Bleed Discharge
Discharge
GPIO Control
PWR
MGMT
SNK
SRC
GPIO2/
FR_SWAP
Sink/Source
Control
DEBUG_N
GND
GPIO1
3.3V
LDO
LDO
4B5B
10−bit
ADC
I2C
Pin Configurations
Figure 4. Pin Assignment QFN (FUSB307B)
GND
GND
4
ORIENT
3 CC2
2
VCONN
1 CC1
9 GPIO2
10 INT_N
11 SCL1
12 SDA1
Bottom View
Top Through
View
4
ORIENT
3 CC2
2
VCONN
1 CC1
9 GPIO2
10 INT_N
11 SCL1
12 SDA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com