Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307B Datasheet(PDF) 3 Page - ON Semiconductor

Part # FUSB307B
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307B Datasheet(HTML) 3 Page - ON Semiconductor

  FUSB307B Datasheet HTML 1Page - ON Semiconductor FUSB307B Datasheet HTML 2Page - ON Semiconductor FUSB307B Datasheet HTML 3Page - ON Semiconductor FUSB307B Datasheet HTML 4Page - ON Semiconductor FUSB307B Datasheet HTML 5Page - ON Semiconductor FUSB307B Datasheet HTML 6Page - ON Semiconductor FUSB307B Datasheet HTML 7Page - ON Semiconductor FUSB307B Datasheet HTML 8Page - ON Semiconductor FUSB307B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
FUSB307B
www.onsemi.com
3
Table 1. ORDERING INFORMATION
Part Number
Operating
Temperature Range
Package
Packing Method†
FUSB307BMPX
−40 to 85
°C
16–Lead Molded Leadless Package (QFN)
JEDEC, ML220, 3 mm Square
Tape and Reel
FUSB307BVMPX
Automotive
−40 to 105
°C
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.
Typical Application
Figure 2. FUSB307B Typical Mobile Computing Application
CC2
CC1
INT_N
SDA
SCL
Type−C
receptacle
FUSB307B
GND
VCONN
VDD
VBUS
TCPM
USB
2.0 &
3.1
Gen1
PHY
USB Buck/Boost
Charger
+ VBUS Buck
+ VCONN Buck
Battery
SNK
VBAT
V3P3
VCONN
VSNK
VSRC
FPF2895
SRC
I2C_ADDR_SEL/
ORIENT
GPO1
GPU
LDO
VDD
FPF2895
EN
FUSB340
2:1 USB3.1 Switch
GPO2
DEBUG_N
30 m
Ω
VOUT
VIN
ISET
ON
1
μF
25 V
30 m
Ω
VIN
VOUT
10
μF
10
μF
25 V
1
μF
10
μF
1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com