Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307B Datasheet(PDF) 48 Page - ON Semiconductor

Part # FUSB307B
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307B Datasheet(HTML) 48 Page - ON Semiconductor

Back Button FUSB307B Datasheet HTML 44Page - ON Semiconductor FUSB307B Datasheet HTML 45Page - ON Semiconductor FUSB307B Datasheet HTML 46Page - ON Semiconductor FUSB307B Datasheet HTML 47Page - ON Semiconductor FUSB307B Datasheet HTML 48Page - ON Semiconductor FUSB307B Datasheet HTML 49Page - ON Semiconductor FUSB307B Datasheet HTML 50Page - ON Semiconductor FUSB307B Datasheet HTML 51Page - ON Semiconductor FUSB307B Datasheet HTML 52Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
www.onsemi.com
48
Table 56. RXHEADH
Received Header High byte is stored here. Expected GoodCRC messages are not stored.
Address: 33h
Reset Value: 0x00
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Receive Header High Description
7:0
RXHEADH
R
8
Rx Header Data High
Table 57. RXDATA
Address: 34h−4Fh
Reset Value: 0x00
Type: Read
Byte #
Name
R/W/C
Size (Bits)
Receive Payload Description
27:0
RXDATA0..27
R
8
Rx Payload
Table 58. TRANSMIT
Writing this register will start a PD transmission. If Cable Reset, Hard Reset or BIST Carrier Mode 2 is written, RETRY_CNT is ignored
and signaling is not retried.
Address: 50h
Reset Value: 0x00
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
Transmit Description
7:6
Reserved
R
2
Reserved: 00b
5:4
RETRY_CNT
R/W
2
Retry Counter
00b: No message retry is required
01b: Automatically retry message transmission once
10b: Automatically retry message transmission twice
11b: Automatically retry message transmission three times
3
Reserved
R
1
Reserved: 0b
2:0
TXSOP
R/W
3
Transmit SOP Message
000b: Transmit SOP
001b: Transmit SOP’
010b: Transmit SOP’’
011b: Transmit SOP_DBG’
100b: Transmit SOP_DBG”
101b: Transmit Hard Reset
110b: Transmit Cable Reset
111b: Transmit BIST Carrier Mode 2
(Enabled for tBISTContMode)
Table 59. TXBYTECNT
Address: 51h
Reset Value: 0x00
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
Transmit Byte Count Description
7:0
TXBYTECNT
R/W
8
Number of bytes to be transmitted
Table 60. TXHEADL
Address: 52h
Reset Value: 0x00
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
Transmit Header Low Description
7:0
TXHEADL
R/W
8
Transmit Header Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com