Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307B Datasheet(PDF) 44 Page - ON Semiconductor

Part # FUSB307B
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307B Datasheet(HTML) 44 Page - ON Semiconductor

Back Button FUSB307B Datasheet HTML 40Page - ON Semiconductor FUSB307B Datasheet HTML 41Page - ON Semiconductor FUSB307B Datasheet HTML 42Page - ON Semiconductor FUSB307B Datasheet HTML 43Page - ON Semiconductor FUSB307B Datasheet HTML 44Page - ON Semiconductor FUSB307B Datasheet HTML 45Page - ON Semiconductor FUSB307B Datasheet HTML 46Page - ON Semiconductor FUSB307B Datasheet HTML 47Page - ON Semiconductor FUSB307B Datasheet HTML 48Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
www.onsemi.com
44
Table 46. DEVCAP1L
Address: 24h
Reset Value: FUSB307B: DDh
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Device Capabilities 1 L Description
7:5
ROLES_SUPPORT
R
3
Roles Supported:
000b: Type−C Port Manager can configure the Port as Source only
or Sink only (not DRP)
001b: Source only
010b: Sink only
011b: Sink with accessory support
100b: DRP Only
101b: Source, Sink, DRP, Adapter/Cable all supported
110b: Source, Sink, DRP
110..111b: Not valid
4
SOP_SUPPORT
R
1
0b: All SOP* except SOP’_DBG/SOP”_DBG
1b: All SOP* messages are supported
3
SWITCH_VCONN
R
1
Supply VCONN:
0b: Not capable of switching VCONN
1b: Capable of switching VCONN
Support for PWRSTAT.VCONN_VAL and PWRCTRL.EN_VCONN
implemented
2
SNK_VBUS
R
1
Sink VBUS:
0b: Not Capable of controlling the sink path to the system load
1b: Capable of controlling the sink path to the system load
Support for PWRSTAT.SNKVBUS and COMMAND.SinkVbus imple-
mented
1
SRC_HV
R
1
Source Higher than vSafe5V on VBUS
0b: Not capable of controlling High Voltage Path on VBUS
1b: capable of controlling High Voltage Path on VBUS
Support for PWRSTAT.SOURCE_HV and
COMMAND.SourceVbusHighVoltage implemented
0
SRC_VBUS
R
1
Source vSafe5V on VBUS
0b: Not of controlling the source path to VBUS
1b: Capable of controlling the source path to VBUS
Support for PWRSTAT.SOURCE_VBUS,
COMMAND.SourceVbusDefaultVoltage,
COMMAND.DisableSourceVbus,
COMMAND.EnableVbusDetect, and
COMMAND.DisableVbusDetect implemented
Table 47. DEVCAP1H
Address: 25h
Reset Value: 0x1E
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Device Capabilities 1 H Description
7:5
Reserved
R
3
Reserved : 000b
4
BLEED_DIS
R
1
0b: No Bleed Discharge
1b: Bleed Discharge implement
Support for PWRCTRL.EN_BLEED_DISCH implemented.
3
FORCE_DIS
R
1
0b: No Force Discharge
1b: Force Discharge implement
Support for PWRCTRL.FORCE_DISCH,
FAULTSTAT.FORCE_DISCH_FAIL, and VBUS_STOP_DISCL
implemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com