Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307B Datasheet(PDF) 1 Page - ON Semiconductor

Part # FUSB307B
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307B Datasheet(HTML) 1 Page - ON Semiconductor

  FUSB307B Datasheet HTML 1Page - ON Semiconductor FUSB307B Datasheet HTML 2Page - ON Semiconductor FUSB307B Datasheet HTML 3Page - ON Semiconductor FUSB307B Datasheet HTML 4Page - ON Semiconductor FUSB307B Datasheet HTML 5Page - ON Semiconductor FUSB307B Datasheet HTML 6Page - ON Semiconductor FUSB307B Datasheet HTML 7Page - ON Semiconductor FUSB307B Datasheet HTML 8Page - ON Semiconductor FUSB307B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
© Semiconductor Components Industries, LLC, 2016
April, 2018 − Rev. 3
1
Publication Order Number:
FUSB307B/D
FUSB307B
USB Type-C Port Controller
with USB-PD
Description
The FUSB307B targets system designers looking to implement up
to four USB Type−C port controllers (TCPC) with USB−PD
capabilities.
This solution provides integrated Type−C Rev 1.3 detection
circuitry enabling manual attach/detach detection. Time critical Power
Delivery functionality is handled autonomously, offloading the
μProcessor or Type−C Port Manager (TCPM).
The FUSB307B complies with the USB−PD Interface Specification
Rev 1.0 as a TCPC for a standardized interface with TCPM.
Features
• USB−PD Interface Specification Rev 1.0 Ver. 1.2 Compatible
• USB Type−C Rev 1.3 Compatible
• USB−PD Rev3.0 Ver. 1.1 Compatible
• Fast Role Swap
• Sink Transmit
• Extended Data Messages (Chunked)
• Dual−Role Functionality
♦ Manual Type−C Detection
♦ Automatic DRP Toggling
• USB−PD Interface Specification Support
♦ Automatic GoodCRC Packet Response
♦ Automatic Retries of Sending Packet
♦ All SOP* Types Supported
• VBUS Source and Sink Control
• Integrated 3 W Capable VCONN to CCx Switch
• 10−bit VBUS ADC
• Programmable GPIOs
• 4 Selectable I2C Addresses
Figure 1.
FUSB307B Block Diagram
www.onsemi.com
SCALE 3:1
WQFN16 3 x 3, 0.5P
CASE 510BS
ORDERING INFORMATION
GND
4
ORIENT
3 CC2
2
VCONN
1 CC1
9 GPIO2
10 INT_N
11 SCL1
12 SDA1
Top Through
View
QFN16
See detailed ordering and shipping information on page 3 of
this data sheet.
Features (continued)
• Dead Battery Operation
♦ Powered from VBUS
♦ LDO Output Provides Power to TCPM
• Packaging:
♦ FUSB307B− 16 Pin QFN
Applications
• Smartphones and Tablets
• Digital Cameras
• Desktops and Laptops
• Rechargeable Docks/Speakers
• Wall Adapters
• Automotive
PIN ASSIGNMENT


Similar Part No. - FUSB307B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FUSB301 ONSEMI-FUSB301 Datasheet
310Kb / 14P
Autonomous USB Type-C Controller with Super Speed Switch Control
June, 2018 ??Rev. 0
FUSB301A ONSEMI-FUSB301A Datasheet
315Kb / 14P
Autonomous USB Type-C Controller with Configurable I2C Address
June, 2018 ??Rev. 0
FUSB301ATMX ONSEMI-FUSB301ATMX Datasheet
315Kb / 14P
Autonomous USB Type-C Controller with Configurable I2C Address
June, 2018 ??Rev. 0
FUSB301TMX ONSEMI-FUSB301TMX Datasheet
310Kb / 14P
Autonomous USB Type-C Controller with Super Speed Switch Control
June, 2018 ??Rev. 0
FUSB302 ONSEMI-FUSB302 Datasheet
1Mb / 35P
Programmable USB Type-C Controller w/PD
July 2017 Rev. 2
More results

Similar Description - FUSB307B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65981 TI1-TPS65981 Datasheet
140Kb / 7P
USB Type-C and USB PD Controller Power Switch
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
USB Type-C and USB PD Source Controller
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
USB Type-C and USB PD Source Controller
TPS65988 TI1-TPS65988 Datasheet
9Mb / 83P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
TPS65987DDJ TI1-TPS65987DDJ Datasheet
2Mb / 72P
USB Type-C and USB PD Controller with Integrated Power Switches
TPS65988DJ TI1-TPS65988DJ Datasheet
9Mb / 82P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
logo
ON Semiconductor
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
FUSB15201 ONSEMI-FUSB15201_V01 Datasheet
594Kb / 19P
Dual Port USB Type-C & PD Controller
August, 2022 - Rev. 4
logo
Richtek Technology Corp...
RT1716 RICHTEK-RT1716 Datasheet
477Kb / 37P
Programmable USB Type-C PD Controller
March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com