Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307B Datasheet(PDF) 27 Page - ON Semiconductor

Part # FUSB307B
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307B Datasheet(HTML) 27 Page - ON Semiconductor

Back Button FUSB307B Datasheet HTML 23Page - ON Semiconductor FUSB307B Datasheet HTML 24Page - ON Semiconductor FUSB307B Datasheet HTML 25Page - ON Semiconductor FUSB307B Datasheet HTML 26Page - ON Semiconductor FUSB307B Datasheet HTML 27Page - ON Semiconductor FUSB307B Datasheet HTML 28Page - ON Semiconductor FUSB307B Datasheet HTML 29Page - ON Semiconductor FUSB307B Datasheet HTML 30Page - ON Semiconductor FUSB307B Datasheet HTML 31Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
FUSB307B
www.onsemi.com
27
Table 17. FAST MODE PLUS I2C SPECIFICATIONS
Symbol
Parameter
Fast Mode Plus
Min.
Max.
Unit
fSCL
I2C_SCL Clock Frequency
0
1000
kHz
tHD;STA
Hold Time (Repeated) START Condition
0.26
μs
tLOW
Low Period of I2C_SCL Clock
0.5
μs
tHIGH
High Period of I2C_SCL Clock
0.26
μs
tSU;STA
Set−up Time for Repeated START Condition
0.26
μs
tHD;DAT
Data Hold Time
0
μs
tSU;DAT
Data Set−up Time
50
ns
tr
Rise Time of I2C_SDA and I2C_SCL Signals
20
× (VDD/5.5 V)
120
ns
tf
Fall Time of I2C_SDA and I2C_SCL Signals (Note 16)
20
× (VDD/5.5 V)
120
ns
tSU;STO
Set−up Time for STOP Condition
0.26
μs
tBUF
Bus−Free Time between STOP and START Conditions
0.5
μs
tSP
Pulse Width of Spikes that Must Be Suppressed by the Input
Filter
0
50
ns
16. Guaranteed by characterization. Not production tested.
17. Automotive part only, FUSB307BVMPX.
Figure 19. Definition of Timing for Full−Speed Mode Devices on the I2C Bus
SDA
SCL
SDA
SCL
70%
30%
70%
30%
70%
30%
70%
30%
70%
30%
70%
30%
70%
30%
P
S
002aac938
1 / fSCL
S
Sr
tf
tr
tSU;DAT
tVD;DAT
tHD;DAT
tf
tHD;STA
tLOW
tr
tHIGH
tHD;STA
tSU;STA
tSP
tVD;ACK
tHD;STO
tBUF
1st clock cycle
9th clock
9th clock
VIL = 0.3VDD
VIH = 0.7VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com