Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307B Datasheet(PDF) 7 Page - ON Semiconductor

Part # FUSB307B
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307B Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FUSB307B Datasheet HTML 3Page - ON Semiconductor FUSB307B Datasheet HTML 4Page - ON Semiconductor FUSB307B Datasheet HTML 5Page - ON Semiconductor FUSB307B Datasheet HTML 6Page - ON Semiconductor FUSB307B Datasheet HTML 7Page - ON Semiconductor FUSB307B Datasheet HTML 8Page - ON Semiconductor FUSB307B Datasheet HTML 9Page - ON Semiconductor FUSB307B Datasheet HTML 10Page - ON Semiconductor FUSB307B Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
FUSB307B
www.onsemi.com
7
I2C Interface
The FUSB307B includes a full I2C slave controller. The
I2C slave fully complies with the I2C specification version
6 requirements. This block is designed for fast mode plus
signals.
Examples of an I2C write and read sequence are shown in
Figure 7 and Figure 8 respectively.
S
WR A
AA
A
A
A P
NOTE:
Single Byte read is initiated by Master with P immediately following first data byte.
8bits
8bits
8bits
Write Data K+2
Slave Address
Register Address K
Write Data
Write Data K+1
Write Data K+N−1
S
WR A
A S
RD A
A
A
NA P
Register address to Read specified
8bits
NOTE:
If Register is not specified Master will begin read from current register. In this case only sequence showing in Red
bracket is needed.
Single or multi byte read executed from current register location
(Single Byte read is initiated by Master with NA immediately following first data byte)
Read Data K+1
Read Data K+N−1
8bits
8bits
8bits
Slave Address
Register Address K
Read Data K
Slave Address
From Master to Slave
S
Start Condition
NA NOT Acknowledge (SDA High)
RD
Read =1
From Slave to Master
A
Acknowledge (SDA Low)
WR Write = 0
P
Stop Condition
Figure 6. I2C Write Example
Figure 7. I2C Read Example
I2C Address Selection
I2C Slave addresses can be changed by configuring the
I2C_ADDR_GPO input on power up with a pull−up or
pull−down resistor and routing the SCL and SDA lines
according to Table 3.
Interrupt Operation
The INT_N pin is an active low, open drain output which
indicates to the host processor that an interrupt has occurred
in the FUSB307B which needs attention. The INT_N pin is
asserted after power−up or device reset RESET.SW_RES
set
to
1b
(due
to
ALERTL.I_PORT_PWR
and
PWRSTAT.TCPC_INIT).
When an interruptible event occurs, INT_N is driven low
and is high−Z again when the processor clears the interrupt
by writing a 1 to the corresponding interrupt bit position.
Writing a 0 to an interrupt bit has no effect.
A processor firmware has additional control of INT_N
through individual event mask bits which can be set or
cleared to enable or disable INT_N from being driven low
when each event occurs.
Table 3. I2C ADDRESSES
I2C_ADDR
SCLx/SDAx
Slave Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
SCL1/SDA1
1
0
1
0
0
0
0
R/W
1
SCL1/SDA1
1
0
1
0
0
0
1
R/W
0
SCL2/SDA2
1
0
1
0
0
1
0
R/W
1
SCL2/SDA2
1
0
1
0
0
1
1
R/W
I2C Idle Mode
Entering I2C Idle Mode
The FUSB307B does not need to enter I2C Idle Mode in
order to save power. Entering this mode has no effect on I2C
function. The FUSB307B can enter idle mode if 0xFF is
written to the COMMAND register. Once in Idle mode, the
FUSB307B will not set the PWRSTAT.TCPC_INIT to one.
Exiting I2C Idle Mode
The FUSB307B will exit I2C Idle mode when any I2C
communication
is
addressed
to
the
slave.
The
ALERTL.I_PRT_PWR interrupt will be set and no
PWRSTAT bits will be set.
The device’s I2C block is always on without power
penalties.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com