Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307B Datasheet(PDF) 21 Page - ON Semiconductor

Part # FUSB307B
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307B Datasheet(HTML) 21 Page - ON Semiconductor

Back Button FUSB307B Datasheet HTML 17Page - ON Semiconductor FUSB307B Datasheet HTML 18Page - ON Semiconductor FUSB307B Datasheet HTML 19Page - ON Semiconductor FUSB307B Datasheet HTML 20Page - ON Semiconductor FUSB307B Datasheet HTML 21Page - ON Semiconductor FUSB307B Datasheet HTML 22Page - ON Semiconductor FUSB307B Datasheet HTML 23Page - ON Semiconductor FUSB307B Datasheet HTML 24Page - ON Semiconductor FUSB307B Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
FUSB307B
www.onsemi.com
21
DC and Transient Characteristics
Unless otherwise specified: Recommended TA and TJ temperature ranges. All typical values are at TA = 25
°C and
VDD = 3.3 V unless otherwise specified.
Table 7. CURRENT CONSUMPTION
Symbol
Parameter
TA = −40 to +855C
TA = −40 to +1055C (Note 17)
TJ = −40 to +1255C
Unit
Min
Typ
Max
IDISABLE
Disable Current (ROLECTRL = 0x0F)
10
μA
ISTBY
Unattached Sink
6
10
μA
Unattached DRP or Source
7
20
μA
IATTACH_TypeC
Attached as Sink (No PD, AUTO_DISCH = 0)
11
26
μA
Attached as Source (No PD)
12
22
μA
Table 8. BASEBAND PD
Symbol
Parameter
TA = −40 to +855C
TA = −40 to +1055C (Note 17)
TJ = −40 to +1255C
Unit
Min
Typ
Max
UI
Unit Interval
3.03
3.33
3.70
μs
TRANSMITTER
zDriver
TX output impedance at 750 kHz with an external 220 pF
or equivalent load
33
75
Ω
tEndDriveBMC
Time to cease driving the line after the end of the last bit of
the Frame
2
UI
tHoldLowBMC
Time to cease driving the line after the final high−to−low
transition
1
μs
tStartDrive
Time before the start of the first bit of the preamble when
the transmitter shall start driving the line
−1
1
μs
tBISTContMode
Time a BIST Carrier Mode 2 transmission is performed
30
60
ms
tBUFFER2CC
Time from I2C Stop from writing to TRANSMIT register to
first bit of Preamble transmitted
195
μs
tR
Rise Time
300
ns
tF
Fall Time
300
ns
RECEIVER
cReceiver
Receiver capacitance when driver isn’t turned on (Note 11)
25
pF
zBmcRx
Receiver Input Impedance
1
M
Ω
tCC2BUFFER
Time between last bit of EOP to I_RXSTAT
50
μs
tRxFilter
Rx bandwidth limiting filter (Note 11)
100
ns
nTransitionCount
Transitions count in a time window of 20
μs max
3
Edges
tTransitionWindow
Time window for detecting non−idle
12
20
μs
11. Guaranteed by characterization and/or design. Not production tested
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com