Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6955 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC6955
Description  Ultralow Jitter, 7.5GHz 11 Output Fanout Buffer Family
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6955 Datasheet(HTML) 4 Page - Analog Devices

  LTC6955 Datasheet HTML 1Page - Analog Devices LTC6955 Datasheet HTML 2Page - Analog Devices LTC6955 Datasheet HTML 3Page - Analog Devices LTC6955 Datasheet HTML 4Page - Analog Devices LTC6955 Datasheet HTML 5Page - Analog Devices LTC6955 Datasheet HTML 6Page - Analog Devices LTC6955 Datasheet HTML 7Page - Analog Devices LTC6955 Datasheet HTML 8Page - Analog Devices LTC6955 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTC6955
4
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VD+ = VIN+ = VOUT+ = 3.3V unless otherwise specified (Note 2).
All voltages are with respect to GND.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Voltages
VOUT+ Supply Range
l
3.15
3.3
3.45
V
VD+ Supply Range
l
3.15
3.3
3.45
V
VIN+ Supply Range
l
3.15
3.3
3.45
V
Power Supply Currents
IDDOUT
LTC6955 VOUT+ Supply Current
(Note 3)
SEL = 14, All Outputs Active
l
350
420
mA
SEL = 1, Three Outputs Active
105
mA
SEL = 0 or 15, All Outputs Off
90
µA
LTC6955-1 VOUT+ Supply Current
(Note 3)
SEL = 14, All Outputs Active
l
358
430
mA
SEL = 1, Three Outputs Active
108
mA
SEL = 0 or 15, All Outputs Off
90
µA
IDD – 3.3V
LTC6955 or LTC6955-1 Sum VD+,
VIN+ Supply Currents (Note 3)
SEL = 14, All Outputs Active
l
85
110
mA
SEL = 1, Three Outputs Active
67
mA
SEL = 0, All Outputs Off, Temp Diode Off
20
µA
SEL = 15, All Outputs Off, Temp Diode On
l
360
µA
Additive Phase Noise, Jitter and Spurious (Note 5)
Output Noise/Jitter, fIN = 7.5GHz
Phase Noise Floor
–155.2
dBc/Hz
RMS Jitter, 12kHz to 20MHz Integration BW
5
fsRMS
RMS Jitter, ADC SNR Method (Note 6)
45
fsRMS
Output Noise/Jitter, fIN = 1.0GHz
Phase Noise Floor
–164
dBc/Hz
RMS Jitter, 12kHz to 20MHz Integration BW
7
fsRMS
RMS Jitter, ADC SNR Method (Note 6)
45
fsRMS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC6955 is guaranteed to meet specified performance limits
over the full operating junction temperature range of –40°C to 125°C.
Note 3: The SEL code (SEL) programs the state of each output as
described in Table 2. SEL’s value is determined by the voltage state of the
SELx pins. If VSELx > VIH, its digital value (SELx) is “1”. If VSELx < VIL, its
digital value (SELx) is “0”. The SEL code is equal to 8 • SEL3 + 4 • SEL2 +
2 • SEL1 + SEL0.
Note 4: For LTC6955, skew is defined as the difference between the zero-
crossing time of a given output and the average zero-crossing time of all
outputs. For LTC6955-1, skew is defined as the difference between the
zero-crossing time of a given output and the average zero-crossing time of
outputs 0 to 9.
Note 5: Additive phase noise and jitter from LTC6955 only. Incoming clock
phase noise is not included.
Note 6: Additive RMS jitter (ADC SNR method) is calculated by integrating
the distribution section’s measured additive phase noise floor out to fCLK.
Actual ADC SNR measurements show good agreement with this method.
Note 7: The LTC6955 is driven from a VCO (CVCO55CC-4000-4000)
through a splitter. The other side of the splitter drives the input of a
LTC6952 to lock the VCO in a PLL. The reference for the LTC6952 PLL is a
Pascal OCXO-E, fREF = 100MHz, PREF = 6dBm.
Note 8: Measured using DC2611.
Note 9: Cable loss is de-embeded in this plot, but board and connector
losses are not. Output board traces are approximately 5cm long.
Note 10: Data for outputs 0 to 9 was taken on 1304 total parts from four
assembly lots (two LTC6955 and two LTC6955-1). Data for LTC6955
OUT10 was taken on 710 parts from two assembly lots. Data for
LTC6955-1 OUT10 was taken on 594 parts from two assembly lots.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com