Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6955 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC6955
Description  Ultralow Jitter, 7.5GHz 11 Output Fanout Buffer Family
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6955 Datasheet(HTML) 1 Page - Analog Devices

  LTC6955 Datasheet HTML 1Page - Analog Devices LTC6955 Datasheet HTML 2Page - Analog Devices LTC6955 Datasheet HTML 3Page - Analog Devices LTC6955 Datasheet HTML 4Page - Analog Devices LTC6955 Datasheet HTML 5Page - Analog Devices LTC6955 Datasheet HTML 6Page - Analog Devices LTC6955 Datasheet HTML 7Page - Analog Devices LTC6955 Datasheet HTML 8Page - Analog Devices LTC6955 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTC6955
1
Rev 0
For more information www.analog.com
Document Feedback
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
7GHz Cumulative Phase Noise
ADF4371 Driving LTC6955
10kΩ
1pF
1pF
1nH
100Ω
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
1nF
.01µF
100Ω
0.1µF
0.1µF
10pF
10pF
7.4nH
7.4nH
IN+
IN–
VOUT
+
VD
+
3.3V
VIN
+
7.00GHz
CLOCKS
6955 TA01a
LTC6955
BUFFER
3.3V
FILT
POWERED DOWN OR
ADDITIONAL CLOCKS
SEL3
SEL2
SEL1
SEL0
3.3V
/1
/1
/1
OUT0±
OUT1±
OUT2±
OUT3±
OUT4±
OUT5±
OUT7±
OUT10+
OUT10–
OUT6+
OUT6–
OUT8+
OUT8–
OUT9±
3.3V
Crystek
CCHD-575-25-100
100MHz Ref Osc
REFP
REFN
RF8P
RF8N
ADF4371
TOTAL COMBINED
RMS JITTER = 67fs
ADF4371 RMS JITTER = 50fs
LTC6955 RMS JITTER = 45fs
EQUIVALENT ADC SNR METHOD
ADF4371
ADF4371 + LTC6955
OFFSET FREQUENCY (Hz)
1k
10k
100k
1M
10M 40M
–180
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
6955 TA01b
Generation of Multiple Low Jitter 7GHz Clocks
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Ultralow Jitter, 7.5GHz,
11 Output Fanout
Buffer Family
The LTC®6955 is a high performance, ultralow jitter,
fanout clock buffer with eleven outputs. Its 4-pin parallel
control port allows for multiple output setups, enabling
any number between three and eleven outputs, as well as
a complete shutdown. The parallel port also provides the
ability to invert the output polarity of alternating outputs,
simplifying designs with top and bottom board routing.
Each of the CML outputs can run from DC to 7.5GHz.
The LTC6955-1 replaces one output buffer with a divide-
by-2 frequency divider, allowing it to drive Analog Devices
LTC6952 or LTC6953 to generate JESD204B subclass 1
SYSREF signals. These SYSREFs can pair with ultralow
jitter device clocks from the LTC6955-1, which can run
at frequencies up to 7.5GHz.
APPLICATIONS
n
LTC6955: 11 Output Buffer
n
LTC6955-1: 10 Buffered Outputs and One ÷2 Output
n
Additive Output Jitter ~45fs RMS (ADC SNR Method)
n
Additive Output Jitter < 5fs RMS
(Integration BW = 12kHz to 20MHz, f = 7.5GHz)
n
Eleven Ultralow Noise CML Outputs
n
Parallel Control for Multiple Output Configurations
n
–40°C to 125°C Operating Junction Temperature
Range
n
High Performance Data Converter Clocking
n
SONET, Fibre Channel, GigE Clock Distribution
n
Low Skew and Jitter Clock and Data Fanout
n
Wireless and Wired Communications
n
Single-Ended to Differential Conversion
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. patents, including 8319551 and 8819472.


Similar Part No. - LTC6955

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC695 LINER-LTC695 Datasheet
141Kb / 16P
Microprocessor Supervisory Circuits
LTC695 LINER-LTC695 Datasheet
223Kb / 18P
Microprocessor Supervisory Circuits
LTC695 LINER-LTC695 Datasheet
270Kb / 20P
Microprocessor Supervisory Circuits
LTC695-3.3 LINER-LTC695-3.3 Datasheet
148Kb / 16P
3.3V Microprocessor Supervisory Circuits
LTC695-3.3 LINER-LTC695-3.3_15 Datasheet
199Kb / 20P
3.3V Microprocessor Supervisory Circuits
More results

Similar Description - LTC6955

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCL6010 TI-CDCL6010 Datasheet
582Kb / 24P
1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
CDCL6010 TI-CDCL6010_07 Datasheet
584Kb / 27P
1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
logo
ON Semiconductor
NB3V110XC ONSEMI-NB3V110XC Datasheet
332Kb / 13P
LVCMOS Low Skew Fanout Buffer Family
January, 2017 ??Rev. 3
logo
Integrated Device Techn...
8SLVP1104I IDT-8SLVP1104I_18 Datasheet
458Kb / 21P
LVPECL Output Fanout Buffer
8SLVP1204 IDT-8SLVP1204_18 Datasheet
580Kb / 24P
LVPECL Output Fanout Buffer
logo
Renesas Technology Corp
8INT31H800A RENESAS-8INT31H800A Datasheet
551Kb / 18P
8-Output Very Low Phase Jitter HCSL Fanout Buffer
Mar 2020
logo
Microsemi Corporation
ZL40240 MICROSEMI-ZL40240 Datasheet
1Mb / 34P
Ten LVCMOS Output Low Additive Jitter Fanout Buffer
February 2017
ZL40241 MICROSEMI-ZL40241 Datasheet
745Kb / 23P
Ten LVCMOS Output Low Additive Jitter Fanout Buffer
October 2018
logo
Renesas Technology Corp
9INT31H200 RENESAS-9INT31H200 Datasheet
546Kb / 10P
2-Output Very Low Phase Jitter HCSL Fanout Buffer
August 9, 2018
9INT31H400 RENESAS-9INT31H400 Datasheet
518Kb / 10P
4-Output Very Low-Phase Jitter HCSL Fanout Buffer
December 1, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com