Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6955 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC6955
Description  Ultralow Jitter, 7.5GHz 11 Output Fanout Buffer Family
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6955 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC6955 Datasheet HTML 9Page - Analog Devices LTC6955 Datasheet HTML 10Page - Analog Devices LTC6955 Datasheet HTML 11Page - Analog Devices LTC6955 Datasheet HTML 12Page - Analog Devices LTC6955 Datasheet HTML 13Page - Analog Devices LTC6955 Datasheet HTML 14Page - Analog Devices LTC6955 Datasheet HTML 15Page - Analog Devices LTC6955 Datasheet HTML 16Page - Analog Devices LTC6955 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTC6955
13
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
Introduction
The LTC6955 can be used in any application where mul-
tiple outputs of the same clock frequency are needed. It
is especially effective for data converter clocking, where
ultralow jitter is often necessary to prevent negative
impact on the data converter’s noise performance.
APPLICATIONS INFORMATION
Input
The LTC6955’s input buffer, shown in Figure 1, has a fre-
quency range of DC to 7.5GHz. The buffer has a partial
on-chip differential input termination of 250Ω, allow-
ing some flexibility for an external matching network if
desired. Figure 3 shows recommended interfaces for dif-
ferent input signal types.
Figure 3. Common Input Interface Configurations. All ZO Signal Traces Are 50Ω Transmission Lines
1nH
160Ω
160Ω
0.1µF
0.1µF
1pF
+
–
+
–
0.1µF
0.1µF
0.1µF
0.1µF
75Ω
30Ω
160Ω
160Ω
150Ω
150Ω
150Ω
150Ω
CML
OR
LVDS
CML
OR
LVDS
LTC6955
LTC6955
LTC6955
LVPECL
6955 F03
Z0
Z0
Z0
Z0
Z0
Z0
IN+
IN–
LTC6955
LTC6955
LTC6955
RF OSCILLATOR
50Ω OUTPUT
Z0
AC-Coupled RF Sine Wave Oscillator (fIN < 5GHz)
AC-Coupled Differential CML or LVDS (fIN < 5GHz)
DC-Coupled Differential LVPECL*
AC-Coupled Differential CML or LVDS (fIN ≥ 5GHz)
DC-Coupled Differential CML*
AC-Coupled Differential LVPECL
CML
LVPECL
Z0
Z0
Z0
Z0
* DC coupled CML and LVPECL input common mode level must be within the
min and max levels specified in the Electrical Characteristics. All LTC6951,
LTC6952, LTC6953, and LTC6955 CML output levels are acceptable.
IN+
IN–
IN+
IN–
IN+
IN–
IN+
IN–
IN+
IN–
1pF
1nH
IN+
IN–
LTC6955
RF OSCILLATOR
50Ω OUTPUT
Z0
AC-Coupled RF Sine Wave Oscillator (fIN ≥ 5GHz)
1pF
+
–
1pF
0.1µF
50Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com