Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6955 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC6955
Description  Ultralow Jitter, 7.5GHz 11 Output Fanout Buffer Family
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6955 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC6955 Datasheet HTML 7Page - Analog Devices LTC6955 Datasheet HTML 8Page - Analog Devices LTC6955 Datasheet HTML 9Page - Analog Devices LTC6955 Datasheet HTML 10Page - Analog Devices LTC6955 Datasheet HTML 11Page - Analog Devices LTC6955 Datasheet HTML 12Page - Analog Devices LTC6955 Datasheet HTML 13Page - Analog Devices LTC6955 Datasheet HTML 14Page - Analog Devices LTC6955 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LTC6955
11
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
OPERATION
The LTC6955 is a high-performance multi-output clock
buffer that operates up to 7.5GHz. The device is able to
achieve superior integrated jitter performance by way of
its excellent output noise floor.
Input Buffer
The LTC6955’s input buffer provides a flexible interface to
either differential or single-ended frequency sources. The
inputs are self-biased, and AC-coupling is recommended
for applications using external VCO/VCXO/VCSOs.
However, the input can also be driven DC-coupled by
LVPECL, CML, or any other driver type within the input’s
specified common mode range. See the Applications
Information section for more information on common
input interface configurations, noting that the LTC6955’s
input buffer has an internal differential resistance of 250Ω
as shown in Figure 1.
100V/µs, although better performance will be achieved
with a higher slew rate. For applications with an input slew
rate less than 2V/ns, better phase noise performance will
be achieved by enabling the internal broadband noise fil-
tering circuit within the input buffer. This is accomplished
by setting the FILT pin (pin 40) to V+. Note that setting
FILT = V+ when the slew rate of the input is greater than
2V/ns will degrade the overall phase noise performance.
See Table 1 for recommended settings of FILT.
Table 1. FILT Control Voltage
FILTV
Slew Rate of Input
V+
< 2V/ns
GND
≥ 2V/ns
CML Output Buffers (OUT0 to OUT10)
All of the outputs are ultralow noise, low skew 2.5V CML
buffers. Each output can be AC or DC coupled and termi-
nated with 100Ω differential. If a single-ended output is
desired, each side of the CML output can be individually
AC coupled and terminated with 50Ω. See Figure 2 for
circuit details.
Figure 1. Simplified Input Interface Schematic
VIN
+
VIN
+
FILT
BIAS
125Ω
935Ω
IN–
IN+
2.1V
125Ω
6955 F01
Figure 2. Simplified CML Interface Schematic (All OUTx)
VOUT
+
OUTx–
OUTx+
33Ω
50Ω
50Ω
6955 F02
The maximum frequency for the input buffer is 7.5GHz, and
the maximum amplitude is 1.6VP-P. It is also important that
the input signal be low noise and have a slew rate of at least



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com