Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6955 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC6955
Description  Ultralow Jitter, 7.5GHz 11 Output Fanout Buffer Family
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6955 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC6955 Datasheet HTML 3Page - Analog Devices LTC6955 Datasheet HTML 4Page - Analog Devices LTC6955 Datasheet HTML 5Page - Analog Devices LTC6955 Datasheet HTML 6Page - Analog Devices LTC6955 Datasheet HTML 7Page - Analog Devices LTC6955 Datasheet HTML 8Page - Analog Devices LTC6955 Datasheet HTML 9Page - Analog Devices LTC6955 Datasheet HTML 10Page - Analog Devices LTC6955 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTC6955
7
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
PIN FUNCTIONS
SEL3, SEL2, SEL1, SEL0 (Pins 1, 52, 51, 50): Parallel
Port Control Bits. These CMOS inputs control the output
configuration. See the Operation section for more details.
VD+ (Pin 2): 3.15 to 3.45V Positive Supply Pins for Parallel
Port. This pin should be bypassed directly to the ground
plane using a 0.1µF ceramic capacitor as close to the pin
as possible.
VOUT+ (Pins 5, 8, 11, 14, 17, 20, 23, 26, 29, 32, 35):
3.15 to 3.45V Positive Supply Pins for Outputs. Each pin
should be separately bypassed directly to the ground
plane using a 0.01µF ceramic capacitor as close to the
pin as possible.
OUT10+, OUT10– (Pins 3, 4): Output Signals. The out-
put is buffered and presented differentially on these pins.
The outputs have 50Ω (typical) output resistance per side
(100Ω differential). The far end of the transmission line
is typically terminated with 100Ω connected across the
outputs. For the LTC6955, this output is an undivided
version of the input, identical to the other outputs. For
the LTC6955-1, only this output is a frequency divided
by two version of the input signal. See the Operation and
Applications Information section for more details.
OUT9+, OUT9– (Pins 6, 7): Output Signals. The output is
buffered and presented differentially on these pins. The
outputs have 50Ω (typical) output resistance per side
(100Ω differential). The far end of the transmission line
is typically terminated with 100Ω connected across the
outputs. This output is an undivided version of the input.
OUT8+, OUT8– (Pins 9, 10): Same as OUT9.
OUT7+, OUT7– (Pins 12, 13): Same as OUT9.
OUT6+, OUT6– (Pins 15, 16): Same as OUT9.
OUT5+, OUT5– (Pins 18, 19): Same as OUT9.
OUT4+, OUT4– (Pins 21, 22): Same as OUT9.
OUT3+, OUT3– (Pins 24, 25): Same as OUT9.
OUT2+, OUT2– (Pins 27, 28): Same as OUT9.
OUT1+, OUT1– (Pins 30, 31): Same as OUT9.
OUT0+, OUT0– (Pins 33, 34): Same as OUT9.
NC (Pin 36): Not Connected Internally. It is recommended
that this pin be connected to the ground pad (Pin 53).
IN+, IN– (Pins 37, 38): Input Signals. The differential
signal placed on these pins is buffered with a low noise
amplifier and fed to the internal distribution path and out-
puts. These self-biased inputs present a differential 250Ω
(typical) resistance to aid impedance matching. They may
be driven single-ended by using the matching circuit in
the Applications Information section.
VIN+ (Pins 39): 3.15 to 3.45V Positive Supply Pin for
Input Circuitry. This pin should be bypassed directly to
the ground plane using a 0.01µF ceramic capacitor as
close to the pin as possible.
FILT (Pin 40): Input Filter Control Pin. When tied to GND,
the input is not filtered. When tied to V+, the input is
filtered to improved noise performance of low slew rate
input signals. See the Operation section for details.
GND (Pin 41): Negative Power Supply (Ground). This pin
should be tied directly to the ground plane with multiple
vias.
NC (Pins 42, 43, 44, 45, 46, 47, 48): No Connect. These
pins should be left open or connected to GND.
TEMP (Pin 49): Temperature Measurement Pin. When
enabled, this outputs a temperature measurement diode
voltage. See the Operation section for details.
GND (Exposed Pad Pin 53): Negative Power Supply
(Ground). The package exposed pad must be soldered
directly to the PCB land. The PCB land pattern should
have multiple thermal vias to the ground plane for both
low ground inductance and also low thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com