Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6955 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC6955
Description  Ultralow Jitter, 7.5GHz 11 Output Fanout Buffer Family
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6955 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC6955 Datasheet HTML 14Page - Analog Devices LTC6955 Datasheet HTML 15Page - Analog Devices LTC6955 Datasheet HTML 16Page - Analog Devices LTC6955 Datasheet HTML 17Page - Analog Devices LTC6955 Datasheet HTML 18Page - Analog Devices LTC6955 Datasheet HTML 19Page - Analog Devices LTC6955 Datasheet HTML 20Page - Analog Devices LTC6955 Datasheet HTML 21Page - Analog Devices LTC6955 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
LTC6955
20
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
TYPICAL APPLICATIONS
Generation of 7.25GHz, 52fs ADC SNR Jitter Clocks Using LTC6952 and LTC6955-1
49.9Ω
1µF
1µF
49.9Ω
100Ω
0.1µF
0.1µF
10k
160Ω
100Ω
1µF
63Ω
1nH
10nF
63Ω
500nF
100Ω
100Ω
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
6.8nF
1pF
1pF
CP
VCO+
VCO–
REF+
REF–
VOUT
+
VREF
+
VD
+
VCP
+
3.3V
5V
3.3V
VVCO
+
OUT10±
LTC6952
OUT4±
OUT5±
OUT6±
OUT7±
Crystek
CVCO55XT-
7250-7250
IN+
IN–
VOUT
+
VD
+
3.3V
VTUNE
VIN
+
OUT0±
7.25GHz
CLOCKS
OUT1±
OUT2±
OUT10+
OUT10–
LTC6955-1
BUFFER
OUT3±
OUT4±
OUT5±
OUT6+
OUT6–
OUT7±
OUT8+
OUT8–
OUT9±
3.3V
VOUT
+ (PIN 6)
FILT
fVCO
POWERED DOWN OR
ADDITIONAL 7.25GHZ CLOCKS
ADJUST LTC6952 ADEL
REGISTERS TO ALIGN
SYSREF PAIRS TO
LTC6955-1 CLOCKS
OUT8+
OUT8–
OUT0±
OUT9+
OUT9–
CAN BE USED AS
CLOCKS ≤ 3.625GHZ
OR SYSREFS
fOUT = 3.625GHz
SEL3
SEL2
SEL1
SEL0
3.3V
FB
MMZ0603
Crystek
CCHD-575-25-125
125MHz Ref Osc
/2
/1
/1
EZS_SRQ+
EZS_SRQ–
TO SYNC OUTPUTS:
TOGGLE SSYNC REGISTER BIT
6955 TA02a
OUT1±
OUT2±
OUT3±
LTC6955–1 RMS JITTER = 52fs
LTC6952 RMS JITTER = 93fs
EQUIVALENT ADC SNR METHOD
3.625GHz (LTC6952)
7.25GHz (LTC6955–1)
OFFSET FREQUENCY (Hz)
1k
10k
100k
1M
10M 40M
–170
–160
–150
–140
–130
–120
–110
–100
6955 TAO2b
SYSREF VALID
CLOCK EDGE
LTC6952
SYSREF
LTC6955–1
CLOCK
LTC6952 DIE TEMP (TJ)
100°C, ADEL=1
25°C, ADEL=6
–40°C, ADEL=9
TIME (ps)
–500
–250
0
250
500
–400
0
400
–400
0
400
6955 TAO2c
LTC6955-1 and LTC6952
Phase Noise fVCO = 7.25GHz
7.25GHz JESD204B
CLK to SYSREF Alignment
Calibration Over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com