Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6955 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC6955
Description  Ultralow Jitter, 7.5GHz 11 Output Fanout Buffer Family
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6955 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC6955 Datasheet HTML 14Page - Analog Devices LTC6955 Datasheet HTML 15Page - Analog Devices LTC6955 Datasheet HTML 16Page - Analog Devices LTC6955 Datasheet HTML 17Page - Analog Devices LTC6955 Datasheet HTML 18Page - Analog Devices LTC6955 Datasheet HTML 19Page - Analog Devices LTC6955 Datasheet HTML 20Page - Analog Devices LTC6955 Datasheet HTML 21Page - Analog Devices LTC6955 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LTC6955
22
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
 ANALOG DEVICES, INC. 2018
D16970-0-5/18(PrA)
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC6952
Ultralow Jitter, 4.5GHz PPL with 11 Outputs and
JESD204B Support
PLL with Eleven Independent CML Outputs with Dividers and Delays,
65fs Additive ADC SNR Jitter
LTC6953
Ultralow Jitter, 4.5GHz Clock Distributor with 11
Outputs and JESD204B Support
Eleven Independent CML Outputs with Dividers and Delays,
65fs Additive ADC SNR Jitter
LTC6945/
LTC6946
Ultralow Noise and Spurious Integer-N Synthesizers
370MHz to 6.39GHz, –226dBc/Hz Normalized In-Band Phase Noise Floor,
–157dBc/Hz Wideband Output Phase Noise Floor
LTC6947/
LTC6948
Ultralow Noise and Spurious Frac-N Synthesizers
350MHz to 6.39GHz, –226dBc/Hz Normalized In-Band Phase Noise Floor,
–157dBc/Hz Wideband Output Phase Noise Floor
LTC6950
1.4GHz Low Phase Noise, Low Jitter PLL with Clock
Distribution
Four Independent LVPECL Outputs with 18fsRMS Additive Jitter
(12kHz to 20MHz)
LTC6951
Ultralow Jitter Multioutput Clock Synthesizer with
Integrated VCO
Four Independent CML Outputs and One LVDS Output, Integrated VCO,
110fs ADC SNR Jitter
LTC6954
Low Phase Noise, Triple Output Clock Distribution
Divider/Driver
LVPECL, LVDS and CMOS Outputs with < 20fsRMS Additive Jitter
(12kHz to 20MHz)
Generation of 4GHz, 52fs ADC SNR Jitter Clocks Using LTC6952 and LTC6955
49.9Ω
1µF
1µF
75Ω
30Ω
0.1µF
100Ω
0.1µF
0.1µF
10kΩ
160Ω
100Ω
1µF
48.7Ω
0.1µF
33nF
48.7Ω
1.2µF
0.47µF
100Ω
100Ω
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
22nF
CP
VCO+
VCO–
REF+
REF–
VOUT
+
VREF
+
VD
+
VCP
+
3.3V
5V
VVCO
+
3.3V
OUT10±
LTC6952
OUT6±
OUT7±
OUT8±
OUT9±
Crystek
CVCO55CC-
4000-4000
IN+
IN–
VOUT
+
VD
+
3.3V
VTUNE
VIN
+
OUT0±
4GHz CLOCKS
OUT1±
OUT2±
OUT10+
OUT10–
LTC6955
BUFFER
OUT3±
OUT4±
OUT5±
OUT6+
OUT6–
OUT7±
OUT8+
OUT8–
OUT9±
3.3V
FILT
fVCO
POWERED DOWN OR
ADDITIONAL 4GHZ CLOCKS
SYSREF PAIRS TO
LTC6955 CLOCKS
OUT0+
OUT0–
OUT1±
OUT2+
OUT2–
CAN BE USED AS
CLOCKS ≤ 4GHZ
OR SYSREFS
fOUT = 4GHz
SEL3
SEL2
SEL1
SEL0
3.3V
Crystek
CCHD-575-25-100
100MHz Ref Osc
/1
/1
/1
LTC6952Wizard REGISTER VALUES:
FILE: LTC6952_LTC6955_4GHz
EZS_SRQ+
EZS_SRQ–
TO SYNC OUTPUTS:
TOGGLE SSYNC REGISTER BIT
6955 TA03a
OUT3±
OUT4±
OUT5±
LTC6955 RMS JITTER = 52fs
LTC6952 RMS JITTER = 78fs
EQUIVALENT ADC SNR METHOD
LTC6952 (6 OUTPUTS ON)
LTC6955 (ALL OUTPUT ON)
OFFSET FREQUENCY (Hz)
1k
10k
100k
1M
10M 40M
–170
–160
–150
–140
–130
–120
–110
–100
6955 TA03b
LTC6955 vs LTC6952 4GHz Phase Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com