Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6955 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC6955
Description  Ultralow Jitter, 7.5GHz 11 Output Fanout Buffer Family
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6955 Datasheet(HTML) 3 Page - Analog Devices

  LTC6955 Datasheet HTML 1Page - Analog Devices LTC6955 Datasheet HTML 2Page - Analog Devices LTC6955 Datasheet HTML 3Page - Analog Devices LTC6955 Datasheet HTML 4Page - Analog Devices LTC6955 Datasheet HTML 5Page - Analog Devices LTC6955 Datasheet HTML 6Page - Analog Devices LTC6955 Datasheet HTML 7Page - Analog Devices LTC6955 Datasheet HTML 8Page - Analog Devices LTC6955 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTC6955
3
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VD+ = VIN+ = VOUT+ = 3.3V unless otherwise specified (Note 2).
All voltages are with respect to GND.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input (IN+, IN–)
fIN
Frequency Range
l
7500
MHz
Input Power Level
RZ = 50Ω, Single-Ended
l
0.25
0.8
1.6
VP-P
l
–8
2
8
dBm
Self-Bias Voltage
2.05
V
Input Common Mode Voltage
800 mVP-P Differential Input
1.6
2.7
V
Input Duty Cycle
50
%
Minimum Input Slew Rate
100
V/µs
Input Resistance
Differential
250
Ω
Input Capacitance
Differential
1.0
pF
Digital Pin Specifications
VIH
High-Level Input Voltage
SEL3, SEL2, SEL1, SEL0, FILT
l
1.55
V
VIL
Low-Level Input Voltage
SEL3, SEL2, SEL1, SEL0, FILT
l
0.8
V
VIHYS
Input Voltage Hysteresis
SEL3, SEL2, SEL1, SEL0, FILT
250
mV
Input Current
SEL3, SEL2, SEL1, SEL0, FILT
l
±1
µA
Clock Outputs (OUT0+, OUT0–, OUT1+, OUT1–, OUT2+, OUT2–, …, OUT10+, OUT10–)
fOUT
LTC6955 Output Frequency
Differential Termination = 100Ω,
All Outputs
l
0
7500
MHz
LTC6955-1 Output Frequency
Differential Termination = 100Ω,
All Outputs Except OUT10
l
0
7500
MHz
Differential Termination = 100Ω,
OUT10 Only
0
3750
MHz
VOD
Output Differential Voltage
Differential Termination = 100Ω
l
320
420
550
mVP-P
Output Resistance
Differential
100
Ω
Output Common Mode Voltage
Differential Termination = 100Ω
VOUT+ – 1.0
V
tR
Output Rise Time, 20% to 80%
Differential Termination = 100Ω
50
ps
tF
Output Fall Time, 80% to 20%
Differential Termination = 100Ω
50
ps
DC
Output Duty Cycle
Differential Termination = 100Ω
l
45
50
55
%
tPD
LTC6955 Propagation Delay,
All Outputs
VFILT < VIL, TA = 25°C
220
ps
VFILT > VIH, TA = 25°C
230
ps
LTC6955-1 Propagation Delay,
All Outputs Except OUT10
VFILT < VIL, TA = 25°C
220
ps
VFILT > VIH, TA = 25°C
230
ps
LTC6955-1 Propagation Delay,
OUT10 Only
VFILT < VIL, TA = 25°C
280
ps
VFILT > VIH, TA = 25°C
290
ps
Propagation Delay, Temperature
Variation
0.23
ps/°C
tSKEW
LTC6955 Skew, All Outputs Except
OUT0 (Note 4)
Same Part
l
±10
±25
ps
Across Multiple Parts
l
±20
±50
ps
LTC6955-1 Skew, All Outputs Except
OUT0 and OUT10 (Note 4)
Same Part
l
±10
±25
ps
Across Multiple Parts
l
±20
±50
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com