Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 Datasheet(PDF) 92 Page - Omron Electronics LLC

Part # E32-R16
Description  An Extensive Selection of Fiber-Optic Cables
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 92 Page - Omron Electronics LLC

Back Button E32-R16 Datasheet HTML 88Page - Omron Electronics LLC E32-R16 Datasheet HTML 89Page - Omron Electronics LLC E32-R16 Datasheet HTML 90Page - Omron Electronics LLC E32-R16 Datasheet HTML 91Page - Omron Electronics LLC E32-R16 Datasheet HTML 92Page - Omron Electronics LLC E32-R16 Datasheet HTML 93Page - Omron Electronics LLC E32-R16 Datasheet HTML 94Page - Omron Electronics LLC E32-R16 Datasheet HTML 95Page - Omron Electronics LLC E32-R16 Datasheet HTML 96Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 108 page
background image
E32
E32
93
J
THROUGH-BEAM TYPE (CONT.)
0.9 dia.
min.
E32-TC200F
E32-TC200F4
2.5
(0.10)
5.5
(0.22)
10
0.5
(0.02) dia.
1.8
Stainless tube
(SUS304)
Optical fiber, 1 dia.
Sensing head M3 x 0.5
(nickel-plated brass)
Two toothed washers
Two hexagon clamping nuts
Fiber attachment
(E39-F9)
90
(3.5)
Note: The values in the brackets are for the E32-TC200F4.
2 m (6.56 ft.)
25 (0.99)
[40 (1.57)]
(See note)
11
(0.43)
Side Sensing Type
2m
(6.56 ft.)
10¦0.2
7
(0.28)
16
(0.63)
E32-T14
8.2
R3.5
Optical axis
Two, 3.2 dia.
11.2
2.5
8
7
10.5
Lens unit
(PMMA)
4.4 dia.
Heat resistive ABS
Optical fiber,
2.2 (0.086) dia.
9.2
12
1.5
11.5
2.8
Sensing head, 3 dia.
(stainless)
45°
Heat-shrinking tubing
Sensing surface
E32-T14L
Optical fiber, 2.2 (0.086) dia.
35 (1.38)
3 (0.12) dia.
2 m (6.56 ft.)
30 (1.18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com