Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 Datasheet(PDF) 51 Page - Omron Electronics LLC

Part # E32-R16
Description  An Extensive Selection of Fiber-Optic Cables
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 51 Page - Omron Electronics LLC

Back Button E32-R16 Datasheet HTML 47Page - Omron Electronics LLC E32-R16 Datasheet HTML 48Page - Omron Electronics LLC E32-R16 Datasheet HTML 49Page - Omron Electronics LLC E32-R16 Datasheet HTML 50Page - Omron Electronics LLC E32-R16 Datasheet HTML 51Page - Omron Electronics LLC E32-R16 Datasheet HTML 52Page - Omron Electronics LLC E32-R16 Datasheet HTML 53Page - Omron Electronics LLC E32-R16 Datasheet HTML 54Page - Omron Electronics LLC E32-R16 Datasheet HTML 55Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 108 page
background image
E32
E32
52
J
DIFFUSE FIBER-OPTIC CABLES (CONTINUED)*
Part number
Operating ambient
temperature
Operating relative
humidity
Permissible bending
radius
Core
material
Sheath material
Enclosure
rating
E32-D61
--40°C to 300°C(--40°F
to 572°F) withnoicing
35% to 85% with no
condensation
25 mm min.
Glass
304 stainless steel
IEC IP67
E32-D73
--40°C to 400°C(--40°F
to 752°F) withnoicing
25 mm min.
Glass
304 stainless steel
IEC IP67
E32-D12F
--30°Cto 70°C(--22°F
to 158°F) withnoicing
35% to 85% with no
condensation
40 mm min.
PMMA
Teflon-covered
black polyethylene
IEC IP67
E32-L24L**
--40°C to 105°C(--40°F
to 221°F) withnoicing
10 mm min. (aver-
age 10% decrease
in sensing distance)
PMMA
Reinforced poly-
ethylene
IEC IP50
E32-L25
--40°Cto 70°C(--40°F
t 158°F) ith
i i
25 mm min.
PMMA
Black polyethylene
IEC IP50
E32-L25A
to 158°F) withnoicing
25 mm min.
PMMA
Black polyethylene
IEC IP50
E32-L25L**
--40°C to 105°C(--40°F
to 221°F) withnoicing
10 mm min. (aver-
age 10% decrease
in sensing distance)
PMMA
Reinforced poly-
ethylene
IEC IP50
*Differential travel is 20% of max. detection distance. With E3X-H11 amplifier, this is adjustable between 0% and 20%.
**Beam size is 2 mm dia.
Teflon is a registered trademark of the Dupont Company and the Mitsui Dupont Chemical Company for their fluoride resin.
J
POLARIZED RETROREFLECTIVE FIBER-OPTIC CABLES
Part number
Operating ambient
temperature
Operating relative
humidity
Permissible bending
radius
Core
material
Sheath material
Enclosure
rating
E32-R16 with
E39-R1 reflector
--25°Cto 55°C
(--13°F to 131°F) with
no icing
35% to 85%
25 mm min.
PMMA
Black polyethylene
IEC IP66
E32-R21 with
E39-R3 reflector
--40°Cto 70°C
(--40°F to 158°F) with
no icing
IEC IP67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com