Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 Datasheet(PDF) 38 Page - Omron Electronics LLC

Part # E32-R16
Description  An Extensive Selection of Fiber-Optic Cables
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 38 Page - Omron Electronics LLC

Back Button E32-R16 Datasheet HTML 34Page - Omron Electronics LLC E32-R16 Datasheet HTML 35Page - Omron Electronics LLC E32-R16 Datasheet HTML 36Page - Omron Electronics LLC E32-R16 Datasheet HTML 37Page - Omron Electronics LLC E32-R16 Datasheet HTML 38Page - Omron Electronics LLC E32-R16 Datasheet HTML 39Page - Omron Electronics LLC E32-R16 Datasheet HTML 40Page - Omron Electronics LLC E32-R16 Datasheet HTML 41Page - Omron Electronics LLC E32-R16 Datasheet HTML 42Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 108 page
background image
E32
E32
39
J
DIFFUSE, CONVERGENT AND SPECIAL PURPOSE TYPES
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
(see note)
Min. detectable
object (gold wire)
Part number
Chemical
Teflon coated
A
50 mm
0.03 mm dia.
E32-D12F
Chemical
resistant
Teflon coated
sensing head for
harsh chemical
6mm dia.
DAN-HS
45 mm
------------------------------
E32-D12F
harsh chemical
environments.
O
i
bi
6 mm dia.
2 m (6.56 ft) length
DAN-LD
120 mm
------------------------------
Operating ambient
temperature: --30_C
2 m (6.56 ft) length
DAN-SM
95 mm
0.01 mm dia.
temperature: --30_C
to 70_C(--22_Fto
1 8 F) 0
F
20 mm
0.5 mm dia.
(
158_F); 40 mm
bending radius;
H
50 mm
0.03 mm dia.
bending radius;
1 mm ID fiber
NH
50 mm
0.012 mm dia.
NHB
10 mm
0.012 mm dia.
NM
50 mm
0.03 mm dia.
NT
55 mm
0.012 mm dia.
NV
55 mm
0.012 mm dia.
NVG
4mm
0.5 mm dia.
VG
4mm
0.5 mm dia.
Wafer
Convergent beam
A
4 ± 2mm
0.015 mm dia.
E32-L24L
Wafer
detection,
height
Convergent beam
suppresses back-
ground objects; long
DAN-HS
4 ± 2mm
--------------------------
E32-L24L
height
differences
ground objects; long
distance, side view.
O
i
bi
2 m (6.56 ft) length
DAN-LD
4 ± 2mm
--------------------------
,
Operating ambient
temperature: --40_C
DAN-SM
4 ± 2mm
0.01 mm dia.
temperature: --40_C
to 105_C(--40_Fto
F
4 ± 2mm
0.015 mm dia.
(
221_F); 10 mm
bending radius
H
4 ± 2mm
Contact Omron
bending radius
NH
4 ± 2mm
0.012 mm dia.
NHB
NA
NA
NM
4 ± 2mm
0.015 mm dia.
NT
4 ± 2mm
0.012 mm dia.
NV
4 ± 2mm
0.012 mm dia.
NVG
NA
NA
VG
NA
NA
Note: Sensing distance is based on sensing a white paper that has 90% reflectivity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com