Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 Datasheet(PDF) 40 Page - Omron Electronics LLC

Part # E32-R16
Description  An Extensive Selection of Fiber-Optic Cables
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 40 Page - Omron Electronics LLC

Back Button E32-R16 Datasheet HTML 36Page - Omron Electronics LLC E32-R16 Datasheet HTML 37Page - Omron Electronics LLC E32-R16 Datasheet HTML 38Page - Omron Electronics LLC E32-R16 Datasheet HTML 39Page - Omron Electronics LLC E32-R16 Datasheet HTML 40Page - Omron Electronics LLC E32-R16 Datasheet HTML 41Page - Omron Electronics LLC E32-R16 Datasheet HTML 42Page - Omron Electronics LLC E32-R16 Datasheet HTML 43Page - Omron Electronics LLC E32-R16 Datasheet HTML 44Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 108 page
background image
E32
E32
41
J
RETROREFLECTIVE TYPE
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
(see note)
Min. detectable
object (gold wire)
Part number
Detects
Block style sensing
A
150 to 1,500 mm
0.6 mm dia.
E32-R16 +
Detects
shiny,
transpar-
Block style sensing
head detects objects
over a long range;
DAN-HS
150 to 1,500 mm
----------------------------
E32-R16 +
E39-R1
transpar-
ent and
over a long range;
25 mm bending
di
Reflector
E39-R1
DAN-LD
150 to 1,500 mm
----------------------------
opaque
objects
g
radius
E39-R1
2 m (6 56 ft) length
DAN-SM
150 to 1,500 mm
0.2 mm dia.
objects
(polarized)
2 m (6.56 ft) length
F
50 to 700 mm
0.6 mm dia.
(p
)
H
150 to 1,500 mm
0.6 mm dia.
NH
150 to 1,500 mm
0.5 mm dia.
NHB
NA
NA
NM
150 to 1,500 mm
1.9 mm dia.
NT
150 to 1,500 mm
0.5 mm dia.
NV
150 to 1,500 mm
0.5 mm dia.
NVG
NA
NA
VG
NA
NA
Detect
Compact threaded
A
10 to 250 mm
0.3 mm dia.
E32-R21 +
Detect
transpar-
ent objects
Compact threaded
sensing head is easy
to install; 25 mm
M6
Reflector DAN-HS
10 to 250 mm
------------------------
E32-R21 +
E39-R3
ent objects
(polarized)
to install; 25 mm
bending radius.
M6
threaded
head
Reflector
E39-R3
DAN-LD
10 to 250 mm
----------------------
(p
)
g
head
2 m (6.56 ft) length
DAN-SM
10 to 250 mm
0.1 mm dia.
2 m (6.56 ft) length
F
20 to 230 mm
0.5 mm dia.
H
10 to 250 mm
0.3 mm dia.
NH
10 to 250 mm
0.3 mm dia.
NHB
NA
NA
NM
25 to 250 mm
0.6 mm dia.
NT
25 to 250 mm
0.3 mm dia.
NV
25 to 250 mm
0.3 mm dia.
NVG
NA
NA
VG
NA
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com