Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 Datasheet(PDF) 36 Page - Omron Electronics LLC

Part # E32-R16
Description  An Extensive Selection of Fiber-Optic Cables
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 36 Page - Omron Electronics LLC

Back Button E32-R16 Datasheet HTML 32Page - Omron Electronics LLC E32-R16 Datasheet HTML 33Page - Omron Electronics LLC E32-R16 Datasheet HTML 34Page - Omron Electronics LLC E32-R16 Datasheet HTML 35Page - Omron Electronics LLC E32-R16 Datasheet HTML 36Page - Omron Electronics LLC E32-R16 Datasheet HTML 37Page - Omron Electronics LLC E32-R16 Datasheet HTML 38Page - Omron Electronics LLC E32-R16 Datasheet HTML 39Page - Omron Electronics LLC E32-R16 Datasheet HTML 40Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 108 page
background image
E32
E32
37
J
DIFFUSE, SIDE BEAM TYPE
The table specifies the sensing characteristics of each fiber when used with the following amplifiers:
Legend:
A
E3X-A (General purpose amplifier)
.......
DAN-HS E3X-DAN (Digital amplifier-- high speed mode)
DAN-LD E3X-DAN (Digital amplifier-- long distance mode)
DAN-SM E3X-DAN (Digital amplifier-- standard distance mode)
F
E3X-F (High performance amplifier-- high speed)
.......
H
E3X-H11 (High gain amplifier)
.......
NM
E3X-NM (4 channel auto-tuning amplifier)
.....
NT
E3X-NT (Auto-tuning amplifier: general purpose)
.....
NH
E3X-NH (High-precision, auto-tuning amplifier)
.....
NHB
E3X-NHB (High-precision, blue LED, auto-tuning amp)
....
NV
E3X-NV21 (Water-resistant, red light source amplifier)
.....
NVG
E3X-NVG21 (Water-resistant, green light source amp)
....
VG
E3X-VG (Mark sensing amplifier)
.....
Application Features
Appearance
Type
Detection distance
(see note)
Min. detectable
object (gold wire)
Part number
Long
Space-saving, side
6 mm dia.
A
40 mm
0.03 mm dia.
E32-D14L
Long
distance;
side view
Space saving, side
view probe for long
sensing distances;
6 mm dia.
DAN-HS
50 mm
----------------------
E32-D14L
sideview
sensing
sensing distances;
1 mm ID fiber;
2
b di
DAN-LD
150 mm
----------------------
g
;
25 mm bending
radius
2 m (6.56 ft) length DAN-SM
110 mm
0.01 mm dia.
radius
F
12 mm
0.5 mm dia.
H
40 mm
0.03 mm dia.
NH
40 mm
0.015 mm dia.
NHB
Contact Omron
Contact Omron
NM
40 mm
0.03 mm dia.
NT
44 mm
0.015 mm dia.
NV
44 mm
0.015 mm dia.
NVG
1.5 mm
1.0 mm dia.
VG
1.5 mm
1.0 mm dia.
Small
Side view; space
2 mm dia
A
15 mm
0.03 mm dia.
E32-D24
Small
object
Side view; space
saving thin fiber;
0 5 mm ID fiber;
2mm dia.
3mm dia.
DAN-HS
10 mm
----------------------------
E32-D24
0.5 mm ID fiber;
25 mm bending
di
3 mm dia.
DAN-LD
40 mm
----------------------------
g
radius
2m (6.56 ft) length
DAN-SM
30 mm
0.01 mm dia.
2 m (6.56 ft) length
F
4mm
0.03 mm dia.
H
15 mm
0.03 mm dia.
NH
15 mm
0.012 mm dia.
NHB
Contact Omron
Contact Omron
NM
15 mm
0.03 mm dia.
NT
17 mm
0.012 mm dia.
NV
17 mm
0.012 mm dia.
NVG
1.6 mm
1.0 mm dia.
VG
1.6 mm
1.0 mm dia.
Note: Sensing distance is based on sensing a white paper that has 90% reflectivity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com