Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 Datasheet(PDF) 50 Page - Omron Electronics LLC

Part # E32-R16
Description  An Extensive Selection of Fiber-Optic Cables
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 50 Page - Omron Electronics LLC

Back Button E32-R16 Datasheet HTML 46Page - Omron Electronics LLC E32-R16 Datasheet HTML 47Page - Omron Electronics LLC E32-R16 Datasheet HTML 48Page - Omron Electronics LLC E32-R16 Datasheet HTML 49Page - Omron Electronics LLC E32-R16 Datasheet HTML 50Page - Omron Electronics LLC E32-R16 Datasheet HTML 51Page - Omron Electronics LLC E32-R16 Datasheet HTML 52Page - Omron Electronics LLC E32-R16 Datasheet HTML 53Page - Omron Electronics LLC E32-R16 Datasheet HTML 54Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 108 page
background image
E32
E32
51
J
THROUGH-BEAM FIBER-OPTIC CABLES (CONTINUED)
Part number
Operating ambient
temperature
Operating relative
humidity
Permissible bending
radius**
Core
material
Sheath material
Enclosure
rating
E32-T22S*
--40°Cto 70°C(--40°F
t 158°F) ith
i i
35% to 85% with no
d
ti
10 mm min.
PMMA
Copolymer vinyl
hl id
IEC IP67
E32-T24S*
to 158°F) withnoicing
condensation
chloride
E32-T84S*
--40°C to 200°C(--40°F
to 392°F) withnoicing
25 mm min.
Glass
304 stainless steel
*13 mm dia. beam size at a distance of 200 mm
**Average at 30% of sensing distance
J
DIFFUSE FIBER-OPTIC CABLES*
Part number
Operating ambient
temperature
Operating relative
humidity
Permissible bending
radius
Core
material
Sheath material
Enclosure
rating
E32-CC200
--40°Cto 70°C(--40°F
t 158°F) ith
i i
35% to 85% with no
d
ti
25 mm min.
PMMA
Black polyethylene
IEC IP67
E32-D11
to 158°F) withnoicing
condensation
4mm min.
Vinyl chloride
E32-D11L
25 mm min.
Black polyethylene
E32-D11R
1mm min.
Copolymer vinyl
chloride
E32-D21
4mm min.
Vinyl chloride
E32-D21L
25 mm min.
Black polyethylene
E32-D21R
1mm min.
Black polyethylene
E32-D22L
25 mm min.
Black polyethylene
E32-D32
E32-D32L
E32-DC50,
E32-DC200
E32-DC200C
E32-DC200E
E32-DC500,
E32-DC1000
E32-UDAT1-3F,
E32-UDAT1-6F
--40°C to 150°C(--40°F
to 302°F) withnoicing
25 mm min.
Glass
SUS 303 head,
SUS 304 sheath
E32-UDBT1-3F,
E32-UDBT1-6F
--40°C to 200°C(--40°F
to 392°F) withnoicing
25 mm min.
Glass
SUS 303 head,
SUS 304 sheath
E32-D33
--40°Cto 70°C(--40°F
t 158°F) ith
i i
25 mm min.
PMMA
Black polyethylene
E32-DC200B,
E32-DC200B4
to 158°F) withnoicing
E32-DC200D,
E32-DC200D4
E32-DC200F,
E32-DC200F4
E32-DC9G,
E32-DC9G4
12.5 mm min.
Stainless steel
E32-D14L
25 mm min.
Black polyethylene
E32-D24
25 mm min.
Black polyethylene
E32-D51**
--40°C to 150°C(--40°F
to 302°F) withnoicing
35 mm min.
Fluoride resin
*Differential travel is 20% of max. detection distance. With E3X-H11 amplifier, this is adjustable between 0% and 20%.
**When used continuously between --40°C and 130°C(--40°F and 266°F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com