Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 Datasheet(PDF) 98 Page - Omron Electronics LLC

Part # E32-R16
Description  An Extensive Selection of Fiber-Optic Cables
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 98 Page - Omron Electronics LLC

Back Button E32-R16 Datasheet HTML 94Page - Omron Electronics LLC E32-R16 Datasheet HTML 95Page - Omron Electronics LLC E32-R16 Datasheet HTML 96Page - Omron Electronics LLC E32-R16 Datasheet HTML 97Page - Omron Electronics LLC E32-R16 Datasheet HTML 98Page - Omron Electronics LLC E32-R16 Datasheet HTML 99Page - Omron Electronics LLC E32-R16 Datasheet HTML 100Page - Omron Electronics LLC E32-R16 Datasheet HTML 101Page - Omron Electronics LLC E32-R16 Datasheet HTML 102Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 108 page
background image
E32
E32
99
J
DIFFUSE TYPE (CONT.)
General Purpose
E32-D32
Light source
fiber 0.5 dia.
Sensing
head
SUS303
Heat-shrinkable
tubing
Optical fibers,
two, 1 (0.04) dia.
Two fiber
attachments
(E39-F9)
Receive fiber
(0.25 dia.) x 4
2 (0.08)
dia.
3 (0.12)
dia.
2
12
25 (0.98)
2 m (6.56 ft.)
10
(0.39)
15 (0.59)
22 (0.87)
E32-D32L
Sensing head,
3 dia (0.12).
(stainless)
2 m (6.56 ft.) standard length
Branching box,
6 dia. (heat-resistive
ABS black resin)
Light source
(1 dia.)
Receive
(0.265 dia.) x 16
15 (0.59)
Optical
fibers, two,
2.2 (0.09) dia.
400 (15.75)
15 (0.59)
1,570 (61.81)
Part number
E32-DC50
E32-DC200
E32-DC500
E32-DC50, E32-DC200,
E32-DC500, E32-DC1000
Two,
1.0 dia.
4.8
4
(0.16) dia.
Two toothed washers
Two hexagon clamping nuts
Sensing head M6 x 0.75 (ADC)
Optical fiber,2.2 dia.
3
2.4
17
(0.67)
L
L
50 cm (19 in)
2 m (6.56 ft.)
5 m (16.3 ft.)
E32-DC1000
10 m (32.8 ft.)
10
(0.39)
E32-DC200C
Two, 1.0 dia.
5.2
Two toothed washers
Two hexagon clamping nuts
Sensing head (nickel-plated
brass) M6 x 0.75
Optical fiber, 2.2
x 2 dia.
150
(5.90)
2.4
2 m (6.56 ft.)
when straight
10
(0.39)
90 (3.54)
22 dia.
(0.87)
17 (0.67)
400 (15.8)
E32-DC200E
Sensing head M3 x 0.5 (SUS304)
Two hexagon clamping nuts
Two toothed washers
Two fiber
attachments
(E39-F9)
Optical fiber, two, 1 dia.
Two, 0.5 dia.
2.5
(0.10)
1.8
5.5
(0.22)
2 m (6.56 ft.)
25 (0.98)
11
(0.43)
10
(0.39)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com