Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 Datasheet(PDF) 46 Page - Omron Electronics LLC

Part # E32-R16
Description  An Extensive Selection of Fiber-Optic Cables
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 46 Page - Omron Electronics LLC

Back Button E32-R16 Datasheet HTML 42Page - Omron Electronics LLC E32-R16 Datasheet HTML 43Page - Omron Electronics LLC E32-R16 Datasheet HTML 44Page - Omron Electronics LLC E32-R16 Datasheet HTML 45Page - Omron Electronics LLC E32-R16 Datasheet HTML 46Page - Omron Electronics LLC E32-R16 Datasheet HTML 47Page - Omron Electronics LLC E32-R16 Datasheet HTML 48Page - Omron Electronics LLC E32-R16 Datasheet HTML 49Page - Omron Electronics LLC E32-R16 Datasheet HTML 50Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 108 page
background image
E32
E32
47
Diffuse Fiber-optic Cables with E3JU-XR Amplifiers
Application Features
Appearance
Detection distance
Min. detectable object
Part number
General
purpose
Compact threaded head;
25 mm bending radius; 1 mm
ID fiber
M6 threaded head x
14 mm (0.55 in) L
2 m (6.56 ft) length
75 mm
0.015 mm dia.
E32-DC200
General
purpose
Compact threaded head;
4 mm bending radius;
0.25 mm ID fiber
M6 threaded head x
17 mm (0.67 in) L
2 m (6.56 ft) length
45 mm
0.03 mm dia.
E32-D11
General
purpose
Compact threaded head;
4 mm bending radius;
0.25 mm ID fiber
M3 threaded head x
11 mm (0.43 in) L
2 m (6.56 ft) length
7mm
0.03 mm dia.
E32-D21
General
purpose
Compact threaded head;
25 mm bending radius;
0.25 mm ID fiber; coaxial
2 mm (0.08 in) dia.
x 15 mm (0.59 in)
tip; 29 mm (1.14
in) L overall
2 m (6.56 ft) length
18 mm
0.03 mm dia.
E32-D32
Heat
resistant
Resists 150°C; fiber sheath
material: fluororesin.
Operating ambient
temperature: --40_C to 150_C
(--40_F to 302_F);
35 mm bending radius;
1.5 mm ID fiber
M6 threaded head
2 m (6.56 ft) length
60 mm
0.03 mm dia.
E32-D51
General
purpose
Armored glass fiber-optic
cable can withstand tempera-
tures to 150_C (302_F)
5/16--24 thread x
38.1 mm (1.5 in) L
0.91 m (3 ft) length
80 mm
0.03 mm dia.
E32-UDAT1-3F
General
purpose
Armored glass fiber-optic
cable can withstand tempera-
tures to 150_C (302_F)
5/16--24 thread x
38.1 mm (1.5 in) L
1.83 m (6 ft) length
65 mm
0.03 mm dia.
E32-UDAT1-6F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com