Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF41513 Datasheet(PDF) 32 Page - Analog Devices

Part # ADF41513
Description  Integer N/Fractional-N, PLL Synthesizer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADF41513 Datasheet HTML 25Page - Analog Devices ADF41513 Datasheet HTML 26Page - Analog Devices ADF41513 Datasheet HTML 27Page - Analog Devices ADF41513 Datasheet HTML 28Page - Analog Devices ADF41513 Datasheet HTML 29Page - Analog Devices ADF41513 Datasheet HTML 30Page - Analog Devices ADF41513 Datasheet HTML 31Page - Analog Devices ADF41513 Datasheet HTML 32Page - Analog Devices ADF41513 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
ADF41513
Preliminary Technical Data
Rev. PrL | Page 32 of 33
SPUR MECHANISMS
This section describes the two different spur mechanisms that
arise with a PLL, and how to minimize them in the ADF41513.
Integer Boundary Spurs
Interactions between the RF VCO frequency and the reference
frequency cause integer boundary spurs. When these
frequencies are not integer related (the point of a fractional-N
synthesizer), spur sidebands appear on the VCO output
spectrum at an offset frequency that corresponds to the beat
note or difference frequency between an integer multiple of the
reference and the VCO frequency. These spurs are attenuated by
the loop filter and are more noticeable on channels close to
integer multiples of the reference where the difference
frequency can be inside the loop bandwidth. Therefore, the
name integer boundary spurs.
Reference Spurs
Reference spurs are generally not a problem in fractional-N
synthesizers because the reference offset is far outside the loop
bandwidth. However, any reference feedthrough mechanism
that bypass the loop can cause a problem. Feedthrough of low
levels of on-chip reference switching noise, through the RFINA
pin or the RFINB pin back to the VCO, can result in reference
spur levels as high as −90 dBc. PCB layout must ensure
adequate isolation between VCO traces and the input reference
to avoid a possible feedthrough path on the board.
PHASE RESYNC
The output of a 25-bit fractional-N PLL can settle to any of the
225 phase offsets with respect to the input reference. The phase
resync feature in the ADF41513 produces a consistent output
phase offset with respect to the input reference. This consistent
output phase offset with respect to the input reference is necessary
in applications where the output phase and frequency are
important, such as digital beam forming. See the Phase
Programmability section to program a specific RF output phase
when using phase resync.
Phase resync is enabled by setting Register 7, Bits[19:18] =
0b10. When phase resync is enabled, an internal timer generates
sync signals at intervals of tSYNC given by the following formula:
tSYNC = CLK1 × CLK2 × tPFD
(9)
where:
CLK1 is the decimal value programmed in Register 5, Bits[15:4].
CLK2 is the decimal value programmed in Register 7, Bits[17:6],
while Register 7, Bits[5:4] = 0b00
tPFD is the PFD reference period (1/fPFD).
When a new frequency is programmed, the second sync pulse
after the LE rising edge resynchronizes the output phase to the
reference. Program the tSYNC time to a value that is at least as
long as the worst case lock time to guarantee that the phase
resync occurs after the last cycle slip in the PLL settling
transient.
In the example shown in Figure 35, tSYNC is set to 550 µs. The
second sync pulse and any later sync pulses are ignored.
LE
PHASE
FREQUENCY
SYNC
(INTERNAL)
–100
0
100
200
1000
300
400
500
600
700
800
900
TIME (µs)
PLL SETTLES TO
CORRECT PHASE
AFTER RESYNC
LAST CYCLE SLIP
PLL SETTLES TO
INCORRECT PHASE
Figure 35. Phase Resync Example
Phase Programmability
The phase word in Register 2 controls the RF output phase. As
this word is changed from 0 to 212, the RF output phase changes
over a 360° range in steps of Phase Value × 360°/212.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com