Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF41513 Datasheet(PDF) 23 Page - Analog Devices

Part # ADF41513
Description  Integer N/Fractional-N, PLL Synthesizer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADF41513 Datasheet HTML 19Page - Analog Devices ADF41513 Datasheet HTML 20Page - Analog Devices ADF41513 Datasheet HTML 21Page - Analog Devices ADF41513 Datasheet HTML 22Page - Analog Devices ADF41513 Datasheet HTML 23Page - Analog Devices ADF41513 Datasheet HTML 24Page - Analog Devices ADF41513 Datasheet HTML 25Page - Analog Devices ADF41513 Datasheet HTML 26Page - Analog Devices ADF41513 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
Preliminary Technical Data
ADF41513
Rev. PrL | Page 23 of 33
5-BIT R COUNTER
DL2 DL1
0
CPI4 CPI3 CPI2 CPI1
P1
U2
U1
R5
R4
R3
R2
R1
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
R DIVIDER REGISTER (R5)
DBB
DBB
DBB
DBB
CONTROL
BITS
12-BIT CLK1 DIVIDER VALUE
CP
CURRENT
SETTING
L1
NOTES
1. DBB = DOUBLE-BUFFERED BITS.
U1
REFERENCE
DOUBLER
0
DISABLED
1
ENABLED
R5
R4
R3
R2
R1
R COUNTER DIVIDE RATIO
0
0
0
0
1
1
0
0
0
1
0
2
0
0
0
1
1
3
0
0
1
0
0
4
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
1
1
1
0
1
29
1
1
1
1
0
30
1
1
1
1
1
31
0
0
0
0
0
32
U2
R DIVIDER
0
DISABLED
1
ENABLED
P1
PRESCALER
0
4/5
1
8/9
DL1
DLD PIN
0
0
TRISTATE
1
DL2
1
0
DIGITAL LOCK DETECT
0
1
LOW
1
HIGH
ICP (mA)
CPI4
CPI3
CPI2
CPI1
2.
7kΩ
0
0
0
0
0.3
0
0
0
1
0.6
0
0
1
0
0.9
0
0
1
1
1.2
0
1
0
0
1.5
0
1
0
1
1.8
0
1
1
0
2.1
0
1
1
1
2.4
1
0
0
0
2.7
1
0
0
1
3.0
1
0
1
0
3.3
1
0
1
1
3.6
1
1
0
0
3.9
1
1
0
1
4.2
1
1
1
0
4.5
1
1
1
1
4.8
L1
LSB P1
0
ON: 0.5 LSB OFFSET
1
OFF: NO OFFSET
D12
D11
...
D2
D1
0
0
0
0
.
.
.
1
1
1
1
0
0
0
0
.
.
.
1
1
1
1
...
...
...
...
...
...
...
...
...
...
...
0
0
1
1
.
.
.
0
0
1
1
0
1
0
1
.
.
.
0
1
0
1
0
1
2
3
.
.
.
4,092
4,093
4,094
4,095
CLK1 DIVIDER VALUE
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7 DB6
DB5 DB4
DB3 DB2
DB1 DB0
C3(1)
C4(0)
C2(0) C1(1)
Figure 26. Register 5 (R5) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com