Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF41513 Datasheet(PDF) 12 Page - Analog Devices

Part # ADF41513
Description  Integer N/Fractional-N, PLL Synthesizer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADF41513 Datasheet HTML 8Page - Analog Devices ADF41513 Datasheet HTML 9Page - Analog Devices ADF41513 Datasheet HTML 10Page - Analog Devices ADF41513 Datasheet HTML 11Page - Analog Devices ADF41513 Datasheet HTML 12Page - Analog Devices ADF41513 Datasheet HTML 13Page - Analog Devices ADF41513 Datasheet HTML 14Page - Analog Devices ADF41513 Datasheet HTML 15Page - Analog Devices ADF41513 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
ADF41513
Preliminary Technical Data
Rev. PrL | Page 12 of 33
Variable Modulus (R0, DB28 = 1)
For the variable modulus, the RF VCO frequency (RFOUT)
equation is
RFOUT = fPFD × (INT + (FRAC1 + (FRAC2/MOD2))/225) (3)
where:
RFOUT is the output frequency of external VCO.
INT is a 16-bit value set by DB[19:4] in Register 0 (23 to 65,535
for 4⁄5 prescaler, 75 to 65,535 for 8⁄9 prescaler).
FRAC1 is a 25-bit value set by DB[28:4] in Register 1.
FRAC2 is a 24-bit value set by DB[27:4] in Register 3.
MOD2 is a 24-bit value set by DB[27:4] in Register 4.
The minimum RF output resolution is set by fPFD/249. Therefore,
for fPFD = 100 MHz, the minimum resolution is 0.1776 µHz. To
achieve this resolution, MOD2 must be set to its maximum
(224 − 1), 16,777,215.
R COUNTER
The 5-bit R counter allows the REFIN to be divided down to
produce the reference clock to the PFD. Division ratios from 1
to 32 are allowed.
PFD AND CHARGE PUMP
The PFD takes inputs from the R counter and N counter and
produces an output proportional to the phase and frequency
difference between these inputs. Figure 16 shows a PFD simplified
schematic. The PFD includes a fixed delay element that sets the
width of the antibacklash pulse, which is typically 1 ns. This pulse
ensures that there is no dead zone in the PFD transfer function
and gives a consistent reference spur level.
U3
CLR2
Q2
D2
U2
DOWN
UP
HIGH
HIGH
CP
–IN
+IN
CHARGE
PUMP
DELAY
CLR1
Q1
D1
U1
Figure 16. PFD Simplified Schematic
MUXOUT
The output multiplexer on the ADF41513 allows the user to access
various internal nodes on the chip. The M4, M3, M2, and M1 bits
in Register 12 (see the Register 12 (R12) Map section) controls
the state of MUXOUT. Figure 17 shows the MUXOUT section in
block diagram form. Many of these access points are useful for
debug. For example, select the N divider output to check if the
N divider is functioning correctly. Most of the access points are
self explanatory. Set the CLK1 divider output signal to access the
internal CLK1 divider signal used for phase resync. During
power-down (CE = logic low), MUXOUT is set to GND.
THREE-STATE OUTPUT
GND
R DIVIDER OUTPUT
N DIVIDER OUTPUT
DIGITAL LOCK DETECT
SERIAL DATA OUTPUT
CLK1 DIVIDER OUTPUT
R DIVIDER/2
MUX
CONTROL
MUXOUT
DVDD
GND
N DIVIDER/2
READBACK
DVDD
Figure 17. MUXOUT Schematic
LOCK DETECTOR
The lock detector compares the PFD output pulse width against
a lock detector window. Measurements are performed every
PFD comparison cycle when LD CLK SEL = 0 or every 32nd
cycle when LD CLK SEL = 1. If the pulse width falls within the
lock window, a counter is incremented. If the counter reaches
the count set by LD COUNT without an up or down pulse
width exceeding the lock detect window and without a cycle slip
occurring, the lock detect is declared.
When the lock detector has declared lock, the main mechanism
to declare a loss of lock is for a cycle slip to occur. This cycle slip
is usually caused by a frequency error at the phase detector
input, causing the phase error to grow until the error exceeds
360°. The phase error then wraps around to 0°. This phase wrap
around is a cycle slip.
A high level on MUXOUT indicates the PLL is in lock.
The lock detector window size, LD COUNT, and LD CLK SEL
all affect the sensitivity of the lock detector. Larger windows,
smaller LD COUNT values, and LD CLK SEL = 0 shorten the
overall lock detect time and increase sensitivity. Smaller
windows, larger LD COUNT values, and LD CLK SEL = 1
increase the overall lock detect time and reduce sensitivity.
Excessive lock detector sensitivity can cause multiple transitions
between a locked state and out of lock state during frequency
changes. Insufficient lock detector sensitivity can cause the
detector to indicate an out of lock state when, in fact, the PLL is
locked.
The window size can be adjusted between 0.9 ns and 11.5 ns
with LDP, Bits[9:8] in Register 6 and LD BIAS, Bits[31:30] in
Register 9. The ideal window size is half way between the
maximum window, set by the phase comparison period, tPFD
(10 ns for 100 MHz reference and R = 1), and the minimum is
set by
(IBLEED/ICP) × tPFD
(4)
LD COUNT can range from 2 counts to 8192 counts. The
fastest lock indication requires two measurement cycles (20 ns
with 100 MHz reference, R = 1, and LD CLK SEL = 0). In
practice, the lock indication takes much longer because of the
loop filter on the phase comparator. When LD CLK SEL = 1, a
minimum 64 measurements are required (640 ns).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com