Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF41513 Datasheet(PDF) 22 Page - Analog Devices

Part # ADF41513
Description  Integer N/Fractional-N, PLL Synthesizer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADF41513 Datasheet HTML 18Page - Analog Devices ADF41513 Datasheet HTML 19Page - Analog Devices ADF41513 Datasheet HTML 20Page - Analog Devices ADF41513 Datasheet HTML 21Page - Analog Devices ADF41513 Datasheet HTML 22Page - Analog Devices ADF41513 Datasheet HTML 23Page - Analog Devices ADF41513 Datasheet HTML 24Page - Analog Devices ADF41513 Datasheet HTML 25Page - Analog Devices ADF41513 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
ADF41513
Preliminary Technical Data
Rev. PrL | Page 22 of 33
REGISTER 5 (R5) MAP
DLD Mode
Register 5, Bits[31:30] set the digital lock detect pin state. For
normal digital lock detect, set Register 5, Bits[31:30] = 0b01.
Other options tristate the pin and force high or low logic levels,
as shown in Figure 26.
CP Current Setting
Register 5, Bits[28:25] set the charge pump current. Set these
bits to the charge pump current that the loop filter is designed
for based on the application of the user. The recommended
practice is to design the loop filter for a charge pump current of
2.4 mA or 2.7 mA and then use the programmable charge pump
current to fine tune the loop filter frequency response.
LSB_P1
Register 5, Bit 24 = 0 enables a 26th bit in the fixed modulus
MOD value. Enabling the 26th bit reduces fractional spurs but
the reduction also adds a fixed fPFD/226 frequency offset to the
output frequency. To disable this frequency offset, set Register
5, Bit 24 = 1.
Prescaler
The dual modulus prescaler (4/5 and 8/9) is set by Register 5,
Bit 23. The prescaler, at the input to the N divider, divides down
the fRFIN signal so that the N divider can work. The prescaler is
based on a synchronous 4/5 core. The prescaler setting affects
the RF frequency and the minimum and maximum INT value
as follows:
•
Prescaler 4/5: 23 ≤ INT ≤ 32771, fRFIN_MAX = 13.25 GHz
•
Prescaler 8/9: 75 ≤ INT ≤ 65535, fRFIN_MAX = 26.5 GHz
RDIV2
Register 5, Bit 22 controls the reference divide by 2 block. See
the N Divider and R Counter section for more information.
This feature can provide a 50% duty cycle signal to the PFD.
Reference Doubler
Register 5, Bit 21 controls the reference doubler block. See the
N Divider and R Counter section for more information.
R Counter
Register 5, Bits[20:16] control the R counter value. See the N
Divider and R Counter section for more information.
CLK1 Divider
Register 5, Bits[15:4] control the CLK1 divider value. See the
Phase Resync section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com