Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF41513 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF41513
Description  Integer N/Fractional-N, PLL Synthesizer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 3 Page - Analog Devices

  ADF41513 Datasheet HTML 1Page - Analog Devices ADF41513 Datasheet HTML 2Page - Analog Devices ADF41513 Datasheet HTML 3Page - Analog Devices ADF41513 Datasheet HTML 4Page - Analog Devices ADF41513 Datasheet HTML 5Page - Analog Devices ADF41513 Datasheet HTML 6Page - Analog Devices ADF41513 Datasheet HTML 7Page - Analog Devices ADF41513 Datasheet HTML 8Page - Analog Devices ADF41513 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Preliminary Technical Data
ADF41513
Rev. PrL | Page 3 of 33
SPECIFICATIONS
AVDDX = VP = 3.3 V ± 5%, GND = 0 V, RSET = 2.7 kΩ, dBm referred to 50 Ω, TA = TMAX to TMIN, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RADIO FREQUENCY (RF)
CHARACTERISTICS
RF Input Frequency (fRFIN) Range
1
26.5
GHz
For lower frequencies, ensure slew rate >
320 V/µs
RF Input Sensitivity Range
−5
+5
dBm
Measured single-ended to RFINA via a 1 pF series
capacitor, 1 pF capacitor to GND on RFINB
Maximum Allowable Prescaler
Output Frequency1
3312.5
MHz
INPUT REFERENCE FREQUENCY
(REFIN) CHARACTERISTICS
REFIN Input Frequency
800
MHz
REFIN Input Voltage Range
0
1.8
V
REFIN Input Sensitivity Range
−10
8
dBm
Biased at 1 V,2 use square wave at low power
and/or frequency to ensure slew rate is
> 320 V/µs
REFIN Input Capacitance
10
pF
REFIN Input Current
±100
µA
Doubler Input Frequency
225
MHz
Maximum reference frequency when the
doubler is enabled
MAXIMUM PFD FREQUENCY
Integer N Mode
250
MHz
25-Bit Fixed Modulus Mode
125
MHz
49-Bit Variable Modulus Mode
TBD
MHz
N DIVIDER RANGE
16-Bit N Divider Range
23
216 − 1
4/5 prescaler
75
216 − 1
8/9 prescaler
CHARGE PUMP (CP)
CP Current (ICP) Sink and Source
Programmable
High Value
4.8
mA
With RSET = 2.7 kΩ
Low Value
0.3
mA
Absolute Accuracy
5
%
With RSET = 2.7 kΩ
RSET Range
1.8
2.7
10
kΩ
5% accuracy
ICP Three-State Leakage
1
2
nA
TA = 25°C
Sink and Source Current Matching
5
%
1 V ≤ CP voltage (VCP) ≤ VP − 1 V
ICP vs. VCP
5
%
1 V ≤ VCP ≤ VP − 1 V
ICP vs. Temperature
5
%
VCP = VP/2
LOGIC INPUTS
Input High Voltage (VIH)
1.4
V
The serial port interface (SPI) block can accept
both 1.8 V or 3.3 V logic inputs
Input Low Voltage (VIL)
0.6
V
Input Current (IINH, IINL)
±1
µA
Input Capacitance (CIN)
10
pF
LOGIC OUTPUTS
Output High Voltage (VOH)
1.4
V
MUXOUT voltage = 1.8 V
2.6
V
MUXOUT voltage = 3.3 V
Output Low Voltage (VOL)
0.4
V
Output High Current, Output Low
Current (IOH, IOL)
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com