Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF41513 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF41513
Description  Integer N/Fractional-N, PLL Synthesizer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 4 Page - Analog Devices

  ADF41513 Datasheet HTML 1Page - Analog Devices ADF41513 Datasheet HTML 2Page - Analog Devices ADF41513 Datasheet HTML 3Page - Analog Devices ADF41513 Datasheet HTML 4Page - Analog Devices ADF41513 Datasheet HTML 5Page - Analog Devices ADF41513 Datasheet HTML 6Page - Analog Devices ADF41513 Datasheet HTML 7Page - Analog Devices ADF41513 Datasheet HTML 8Page - Analog Devices ADF41513 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
ADF41513
Preliminary Technical Data
Rev. PrL | Page 4 of 33
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLIES
AVDD1, AVDD2, AVDD3, AVDD4, AVDD5, VP
3.135
3.3
3.465
V
IDD13
0.3
mA
Current drawn by AVDD1
IDD24
63.5
mA
Current drawn by AVDD2
IDD35
2.1
mA
Current drawn by AVDD3
IDD46
2.6
mA
Current drawn by AVDD4
IDD57
1.7
mA
Current drawn by AVDD5
IP
4.5
mA
Current drawn by VP
Power-Down Mode
0.4
µA
TA = 25°C, CE = low, total of all rails
NOISE CHARACTERISTICS
Normalized Phase Noise Floor
(PNSYNTH)8 in Integer N Mode
−234
dBc/Hz
PLL loop bandwidth (BW) = 1 MHz (integer N
mode)
Normalized Phase Noise Floor
(PNSYNTH)5 in Fractional-N Mode
−231
dBc/Hz
PLL loop BW = 1 MHz (fractional-N mode)
Normalized 1∕f Noise (PN1_f)9
−127
dBc/Hz
10 kHz offset, normalized to 1 GHz
SPURIOUS SIGNALS
Reference Spurious
−90
dBc
At reference = 100 MHz
PFD Spurious
−87
dBc
At PFD = 50 MHz
In-Band Integer Boundary
Spurious
−45
dBc
10 kHz offset, PLL loop BW = 250 kHz
1
This is the maximum operating frequency of the N counter. Ensure that the RF input divides down to a frequency that is less than this value by choosing a prescaler
value that is less than the maximum operating frequency of the N counter.
2
AC coupling ensures 1 V bias.
3
TA = 25°C, AVDD1 = 3.3 V, prescaler (P) = 8/9, fRFIN = 12.0 GHz, REFIN = 100 MHz, PFD frequency input (fPFD) = 100 MHz.
4
TA = 25°C, AVDD2 = 3.3 V, P = 8/9, fRFIN = 12.0 GHz, REFIN = 100 MHz, fPFD = 100 MHz.
5
TA = 25°C, AVDD3 = 3.3 V, P = 8/9, fRFIN = 12.0 GHz, REFIN = 100 MHz, fPFD = 100 MHz.
6
TA = 25°C, AVDD4 = 3.3 V, P = 8/9, fRFIN = 12.0 GHz, REFIN = 100 MHz, fPFD = 100 MHz.
7
TA = 25°C, AVDD5 = 3.3 V, P = 8/9, fRFIN = 12.0 GHz, REFIN = 100 MHz, fPFD = 100 MHz.
8
The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20 log N (where N is the N divider
value) and 10 log fPFD. PNSYNTH = total phase noise measured at the VCO output (PNTOT) − 10 log fPFD − 20 log N.
9
The PLL phase noise is composed of 1/f (flicker) noise plus the normalized PLL noise floor. The formula for calculating the 1/f noise contribution at an RF frequency, fRF,
and at a frequency offset, f, is given by phase noise (PN) = P1_f + 10 log(10 kHz/f) + 20 log(fRF/1 GHz). Both the normalized phase noise floor and flicker noise are
modeled in the ADIsimPLL.
TIMING CHARACTERISTICS
AVDDX = VP = 3.3 V ± 5%, GND = 0 V, RSET = 2.7 kΩ, dBm referred to 50 Ω, TA = TMAX to TMIN, unless otherwise noted.
Table 2. Read and Write Timing
Parameter
Limit at TMIN to TMAX
Unit
Test Conditions/Comments
t1
20
ns min
LE setup time
t2
10
ns min
DATA to CLK setup time
t3
10
ns min
DATA to CLK hold time
t4
25
ns min
CLK high duration
t5
25
ns min
CLK low duration
t6
10
ns min
CLK to LE setup time
t7
20
ns min
LE pulse width
t8
10
ns min
LE setup time to MUXOUT when MUXOUT is configured as SPI output
t9
15
ns min
CLK setup time to MUXOUT when MUXOUT is configured as SPI output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com