Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF41513 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF41513
Description  Integer N/Fractional-N, PLL Synthesizer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF41513 Datasheet HTML 9Page - Analog Devices ADF41513 Datasheet HTML 10Page - Analog Devices ADF41513 Datasheet HTML 11Page - Analog Devices ADF41513 Datasheet HTML 12Page - Analog Devices ADF41513 Datasheet HTML 13Page - Analog Devices ADF41513 Datasheet HTML 14Page - Analog Devices ADF41513 Datasheet HTML 15Page - Analog Devices ADF41513 Datasheet HTML 16Page - Analog Devices ADF41513 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Preliminary Technical Data
ADF41513
Rev. PrL | Page 13 of 33
READBACK
Register data can be read by setting MUXOUT to serial data
output. In this mode, the MUXOUT line concurrently transfers
32 bits of the previous written register value while clocking in
32 bits of write data.
To read back a specific register, chip revision code, or bit
pattern, write 1000b to Bits[31:28], Register 12. Writing to
Bits[31:28] sets the MUXOUT pin to read back what is selected
by Bits[19:14] in Register 12.
INPUT SHIFT REGISTERS
The ADF41513 contains a programmable digital block. Data is
clocked into the 32-bit shift register on each rising edge of CLK.
The data is clocked in MSB first. Data is transferred from the
shift register to the chosen register on the rising edge of LE. The
destination latch is determined by the state of the four control
bits (C4, C3, C2, and C1) in the shift register. The following are
the four LSBs: DB3, DB2, DB1, and DB0. The truth table for
these bits is shown in Table 5. Figure 18 through Figure 20 show
a summary of how the registers are programmed.
PROGRAM MODES
Table 5 and Figure 21 through Figure 34 show how to set up the
program modes in the ADF41513.
Several settings in the ADF41513 are double buffered. These
include the MOD2, FRAC1, FRAC2, R counter value, reference
doubler, LSB P1, CP, current setting, and RDIV2. Two events
must occur before the device uses a new value for any of the
double buffered settings. First, the new value is latched into the
device by writing to the appropriate register. Second, a new
write must be performed on Register 0. For example, updating
the FRAC1 value requires a write to Register 1 and a write to
Register 0. Write to Register 1 first, followed by the write to
Register 0. The frequency change begins after the write to
Register 0. Double buffering ensures that the bits written to
Register 1 do not take effect until after the write to Register 0.
Table 5. C3, C2, and C1 Truth Table
Control Bits
C4
C3
C2
C1
Register
0
0
0
0
R0
0
0
0
1
R1
0
0
1
0
R2
0
0
1
1
R3
0
1
0
0
R4
0
1
0
1
R5
0
1
1
0
R6
0
1
1
1
R7
1
0
0
0
R8
1
0
0
1
R9
1
0
1
0
R10
1
0
1
1
R11
1
1
0
0
R12
1
1
0
1
R13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com