Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF41513 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF41513
Description  Integer N/Fractional-N, PLL Synthesizer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF41513 Datasheet HTML 5Page - Analog Devices ADF41513 Datasheet HTML 6Page - Analog Devices ADF41513 Datasheet HTML 7Page - Analog Devices ADF41513 Datasheet HTML 8Page - Analog Devices ADF41513 Datasheet HTML 9Page - Analog Devices ADF41513 Datasheet HTML 10Page - Analog Devices ADF41513 Datasheet HTML 11Page - Analog Devices ADF41513 Datasheet HTML 12Page - Analog Devices ADF41513 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Preliminary Technical Data
ADF41513
Rev. PrL | Page 9 of 33
TYPICAL PERFORMANCE CHARACTERISTICS
–180
–160
–140
–120
–100
–80
–60
100
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (Hz)
HMC733, 10GHz
HMC733, 15GHz
HMC733, 20GHz
Figure 4. Phase Noise vs. Offset Frequency at 10 GHz, 15 GHz, and 20 GHz
with the HMC733, ICP = 3.5 mA, Integer Mode
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
100
1k
10k
100k
FREQUENCY (Hz)
1M
10M
2
1
3
4
5
6
7
8
1: 100Hz
–77.5694dBc/Hz
2: 1kHz
–88.8020dBc/Hz
3: 10kHz
–96.3815dBc/Hz
4: 100kHz –97.7809dBc/Hz
5: 1MHz
–99.0890dBc/Hz
6: 5MHz
–124.770dBc/Hz
7: 10MHz
–131.8076dBc/Hz
8: 40MHz
–150.4377dBc/Hz
PHASE NOISE 10.00dB/REF –60.00dBc/Hz
CARRIER 19.999935636GHz
–3.0171dBm
Figure 5. 20 GHz Phase Noise vs. Frequency with the HMC733, ICP = 3.5 mA,
Fractional-N Mode
–8.5
–7.5
–6.5
–5.5
–4.5
–3.5
–2.5
–1.5
–0.5
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
8.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VOLTAGE (V)
0.5062mA DOWN
1.5187mA DOWN
2.5312mA DOWN
3.5437mA DOWN
4.5562mA DOWN
5.5687mA DOWN
6.5812mA DOWN
7.5937mA DOWN
0.5062mA UP
1.5187mA UP
2.5312mA UP
3.5437mA UP
4.5562mA UP
5.5687mA UP
6.5812mA UP
7.5937mA UP
Figure 6. Current vs. CP Voltage, Charge Pump Compliance
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
100
1k
10k
100k
FREQUENCY (Hz)
1M
10M
2
1
3
4
5
6
1: 100Hz
–84.7799dBc/Hz
2: 1kHz
–100.0772dBc/Hz
3: 10kHz
–106.0022dBc/Hz
4: 100kHz –107.2571dBc/Hz
5: 1MHz
–120.4055dBc/Hz
6: 5MHz
–137.4443dBc/Hz
7: 5MHz
–137.4443dBc/Hz
CARRIER 7.999978185GHz
10.6758dBm
Figure 7. 8 GHz Phase Noise vs. Frequency with the HMC509, ICP = 3.5 mA,
Fractional-N Mode
–130
–120
–110
–100
–90
–80
–70
–60
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
–107 BLEED
–136 BLEED
Figure 8. Phase Noise vs. Frequency Offset for Various Bleeds
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
INPUT FREQUENCY (GHz)
Figure 9. Sensitivity vs. Input Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com