Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8814IBDBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8814IBDBR
Description  Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8814IBDBR Datasheet(HTML) 4 Page - Texas Instruments

  DAC8814IBDBR Datasheet HTML 1Page - Texas Instruments DAC8814IBDBR Datasheet HTML 2Page - Texas Instruments DAC8814IBDBR Datasheet HTML 3Page - Texas Instruments DAC8814IBDBR Datasheet HTML 4Page - Texas Instruments DAC8814IBDBR Datasheet HTML 5Page - Texas Instruments DAC8814IBDBR Datasheet HTML 6Page - Texas Instruments DAC8814IBDBR Datasheet HTML 7Page - Texas Instruments DAC8814IBDBR Datasheet HTML 8Page - Texas Instruments DAC8814IBDBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
www.ti.com
DAC8814
SBAS338 – JANUARY 2005
ELECTRICAL CHARACTERISTICS (continued)
V
DD = 2.7 V to 5.0 V ±10%; VSS = 0 V, IOUTX = Virtual GND, AGNDX = 0 V, VREFA, B, C, D = 10 V, TA = full operating
temperature range, unless otherwise noted.
DAC8814
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CHARACTERISTICS
Power supply range
VDD RANGE
2.7
5.5
V
Positive supply current
IDD
Logic inputs = 0 V
2
5
µA
IDD
VDD = +4.5 V to +5.5 V
2
5
µA
IDD
VDD = +2.7 V to +3.6 V
1
2.5
µA
Negative supply current
ISS
Logic inputs = 0 V, VSS = -5 V
0.001
1
µA
Power dissipation
PDISS
Logic inputs = 0 V
0.0275
mW
Power supply sensitivity
PSS
∆V
DD = ±5%
0.006
%
AC CHARACTERISTICS(5)
Output voltage settling time
ts
To
±0.1% of full-scale,
µs
0.5
Data = 0000h to FFFFh to 0000h
ts
To
±0.0051% of full-scale,
µs
1
Data = 0000h to FFFFh to 0000h
Reference multiplying BW
BW -3 dB VREFX = 100 mVRMS, Data = FFFFH, CFB = 15 pF
10
MHz
DAC glitch impulse
Q
VREFX = 10 V, Data = 0000h to 8000h to 0000h
1
nV/s
Feedthrough error
VOUTX/VREFX
Data = 0000h, VREFX = 100 mVRMS, f = 100 kHz
-70
dB
Crosstalk error
VOUTA/VREFB
Data = 0000h, VREFB = 100 mVRMS,
dB
-90
Adjacent channel, f = 100 kHz
Digital feedthrough
Q
CS = 1 and fCLK = 1 MHz
2
nV/s
Total harmonic distortion
THD
VREF = 5 VPP, Data = FFFFh, f = 1 kHz
-105
dB
Output spot noise voltage
en
f = 1 kHz, BW = 1 Hz
12
nV/
√Hz
(5)
All ac characteristic tests are performed in a closed-loop system using an OPA627 I-to-V converter amplifier.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com