Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8814IBDBR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8814IBDBR
Description  Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8814IBDBR Datasheet(HTML) 28 Page - Texas Instruments

Back Button DAC8814IBDBR Datasheet HTML 23Page - Texas Instruments DAC8814IBDBR Datasheet HTML 24Page - Texas Instruments DAC8814IBDBR Datasheet HTML 25Page - Texas Instruments DAC8814IBDBR Datasheet HTML 26Page - Texas Instruments DAC8814IBDBR Datasheet HTML 27Page - Texas Instruments DAC8814IBDBR Datasheet HTML 28Page - Texas Instruments DAC8814IBDBR Datasheet HTML 29Page - Texas Instruments DAC8814IBDBR Datasheet HTML 30Page - Texas Instruments DAC8814IBDBR Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
www.ti.com
APPLICATION INFORMATION
V
OUT
+
D
32, 768 *
1
V
REF
(2)
10 V
VREF
10 kW
10 kW
5 kW
VDD
VREFX
VFBX
IOUTX
A1
A2
AGNDX
AGNDFA
VSS
One Channel
DAC8814
VOUT
Digital Interface Connections Omitted For Clarity.
−10 V < VOUT < +10V
Cross-Reference
DAC8814
SBAS338 – JANUARY 2005
The DAC8814, a 2-quadrant multiplying DAC, can be used to generate a unipolar output. The polarity of the
full-scale output IOUT is the inverse of the input reference voltage at VREF.
Some applications require full 4-quadrant multiplying capabilities or bipolar output swing, as shown in Figure 59.
An additional external op amp A2 is added as a summing amp. In this circuit the first and second amps (A1 and
A2) provide a gain of 2X that widens the output span to 20 V. A 4-quadrant multiplying circuit is implemented by
using a 10-V offset of the reference voltage to bias A2. According to the following circuit transfer equation (
Equation 2), input data (D) from code 0 to full scale produces output voltages of VOUT = -10 V to VOUT = 10 V.
Figure 59. Four-Quadrant Multiplying Application Circuit
The DAC8814 has an industry-standard pinout. Table 4 provides the cross-reference information.
Table 4. Cross-Reference
SPECIFIED
TEMPERATURE
PACKAGE
PACKAGE
CROSS-
PRODUCT
INL (LSB)
DNL (LSB)
RANGE
DESCRIPTION
OPTION
REFERENCE PART
DAC8814ICDB
±1
±1
-40
°C to +85°C
28-Lead MicroSOIC
SSOP-28
N/A
DAC8814IBDB
±4
±1.5
-40
°C to +85°C
28-Lead MicroSOIC
SSOP-28
AD5544RS
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com