Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8814IBDBR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8814IBDBR
Description  Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8814IBDBR Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC8814IBDBR Datasheet HTML 10Page - Texas Instruments DAC8814IBDBR Datasheet HTML 11Page - Texas Instruments DAC8814IBDBR Datasheet HTML 12Page - Texas Instruments DAC8814IBDBR Datasheet HTML 13Page - Texas Instruments DAC8814IBDBR Datasheet HTML 14Page - Texas Instruments DAC8814IBDBR Datasheet HTML 15Page - Texas Instruments DAC8814IBDBR Datasheet HTML 16Page - Texas Instruments DAC8814IBDBR Datasheet HTML 17Page - Texas Instruments DAC8814IBDBR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
www.ti.com
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Logic Input Voltage (V)
V
DD = +5.0V
V
DD = +2.7V
6
0
−6
−12
−18
−24
−30
−36
−42
−48
−54
−60
−66
−72
−78
−84
−90
−96
−102
−108
−114
10
100
1k
10k
100k
1M
10M
100M
Bandwidth (Hz)
Time (0.1
µs/div)
Trigger Pulse
Voltage Output Settling
Time (0.2
µs/div)
Trigger Pulse
Code: 7FFFh to 8000h
DAC8814
SBAS338 – JANUARY 2005
TYPICAL CHARACTERISTICS: V
DD = +5 V (continued)
At T
A = +25°C, +VDD = +5 V, unless otherwise noted.
SUPPLY CURRENT
vs LOGIC INPUT VOLTAGE
REFERENCE MULTIPLYING BANDWIDTH
Figure 25.
Figure 26.
DAC GLITCH
DAC SETTLING TIME
Figure 27.
Figure 28.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com