Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8814IBDBR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8814IBDBR
Description  Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8814IBDBR Datasheet(HTML) 25 Page - Texas Instruments

Back Button DAC8814IBDBR Datasheet HTML 21Page - Texas Instruments DAC8814IBDBR Datasheet HTML 22Page - Texas Instruments DAC8814IBDBR Datasheet HTML 23Page - Texas Instruments DAC8814IBDBR Datasheet HTML 24Page - Texas Instruments DAC8814IBDBR Datasheet HTML 25Page - Texas Instruments DAC8814IBDBR Datasheet HTML 26Page - Texas Instruments DAC8814IBDBR Datasheet HTML 27Page - Texas Instruments DAC8814IBDBR Datasheet HTML 28Page - Texas Instruments DAC8814IBDBR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
www.ti.com
16
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
A0
A1
A
B
C
D
ADC
2:4
Decode
Input
Register R
Input
Register R
Input
Register R
Input
Register R
DAC A
Register R
DAC B
Register R
DAC C
Register R
DAC D
Register R
DAC A
DAC B
DAC C
DAC D
Set MSB
Set
MSB
Power-
on
Reset
DGND
MSB
LDAC
RS
VSS
AGNDF
AGNDD
IOUTD
RFBD
AGNDC
IOUTC
RFBC
AGNDB
IOUTC
RFBB
AGNDA
IOUTA
RFBA
VDD
A B C D
VREF
CS
CLK
SDI
SDO
EN
SERIAL DATA INTERFACE
DAC8814
SBAS338 – JANUARY 2005
Figure 56. System Level Digital Interfacing
The DAC8814 uses a 3-wire (CS, SDI, CLK) SPI-compatible serial data interface. Serial data of the DAC8814 is
clocked into the serial input register in an 16-bit data-word format. MSB bits are loaded first. Table 2 defines the
16 data-word bits for the DAC8814.
Data is placed on the SDI pin, and clocked into the register on the positive clock edge of CLK subject to the data
setup and data hold time requirements specified in the Interface Timing Specifications. Data can only be clocked
in while the CS chip select pin is active low. For the DAC8814, only the last 16 bits clocked into the serial register
are interrogated when the CS pin returns to the logic high state.
Since most microcontrollers output serial data in 8-bit bytes, three right-justified data bytes can be written to the
DAC8814. Keeping the CS line low between the first, second, and third byte transfers results in a successful
serial register update. Similarly, two right-justified data bytes can be written to the DAC8814. Keeping the CS line
low between the first and second byte transfer will result in a successful serial register update.
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com