Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8814IBDBR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8814IBDBR
Description  Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8814IBDBR Datasheet(HTML) 22 Page - Texas Instruments

Back Button DAC8814IBDBR Datasheet HTML 18Page - Texas Instruments DAC8814IBDBR Datasheet HTML 19Page - Texas Instruments DAC8814IBDBR Datasheet HTML 20Page - Texas Instruments DAC8814IBDBR Datasheet HTML 21Page - Texas Instruments DAC8814IBDBR Datasheet HTML 22Page - Texas Instruments DAC8814IBDBR Datasheet HTML 23Page - Texas Instruments DAC8814IBDBR Datasheet HTML 24Page - Texas Instruments DAC8814IBDBR Datasheet HTML 25Page - Texas Instruments DAC8814IBDBR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
www.ti.com
Graphic
Forthcoming
Graphic
Forthcoming
PARAMETER MEASUREMENT INFORMATION
SDI
CLK
CS
LDAC
SDO
tCSS
tds
tdh
tch
tcl
tcsh
Input REG. LD
tlds
tLDAC
tpd
tLDH
A1
A0
D15 D14 D13
D13 D12
D11 D10
D1
D0
THEORY OF OPERATION
CIRCUIT OPERATION
D/A Converter
DAC8814
SBAS338 – JANUARY 2005
TYPICAL CHARACTERISTICS: V
DD = +2.7 V (continued)
At T
A = +25°C, +VDD = +2.7 V, unless otherwise noted.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 51.
Figure 52.
Figure 53. DAC8814 Timing Diagram
The DAC8814 contains four, 16-bit, current-output, digital-to-analog converters (DACs) respectively. Each DAC
has its own independent multiplying reference input. The DAC8814 uses a 3-wire SPI compatible serial data
interface, with a configurable asynchronous RS pin for half-scale (MSB = 1) or zero-scale (MSB = 0) preset. In
addition, an LDAC strobe enables four channel simultaneous updates for hardware synchronized output voltage
changes.
The DAC8814 contains four current-steering R-2R ladder DACs. Figure 54 shows a typical equivalent DAC.
Each DAC contains a matching feedback resistor for use with an external I-to-V converter amplifier. The RFBX pin
is connected to the output of the external amplifier. The IOUTX terminal is connected to the inverting input of the
external amplifier. The AGNDX pin should be Kelvin-connected to the load point in the circuit requiring the full
16-bit accuracy.
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com