Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8814IBDBR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8814IBDBR
Description  Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8814IBDBR Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC8814IBDBR Datasheet HTML 19Page - Texas Instruments DAC8814IBDBR Datasheet HTML 20Page - Texas Instruments DAC8814IBDBR Datasheet HTML 21Page - Texas Instruments DAC8814IBDBR Datasheet HTML 22Page - Texas Instruments DAC8814IBDBR Datasheet HTML 23Page - Texas Instruments DAC8814IBDBR Datasheet HTML 24Page - Texas Instruments DAC8814IBDBR Datasheet HTML 25Page - Texas Instruments DAC8814IBDBR Datasheet HTML 26Page - Texas Instruments DAC8814IBDBR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
www.ti.com
V
OUT
+ *VREF
D
65536
(1)
RRR
2R
2R
2R
R
5 kW
S2
S1
From Other DACS AGND
VCC
DGND
VREFX
VDD
RFBX
IOUTX
AGNDF
AGNDX
Digital Interface Connections Omitted For Clarity.
Switches S1 and S2 are Closed, VDD Most be Powered.
DAC8814
SBAS338 – JANUARY 2005
The DAC is designed to operate with both negative or positive reference voltages. The VDD power pin is only
used by the logic to drive the DAC switches on and off. Note that a matching switch is used in series with the
internal 5 k
Ω feedback resistor. If users are attempting to measure the value of R
FB, power must be applied to
VDD in order to achieve continuity. An additional VSS bias pin is used to guard the substrate during high
temperature applications to minimize zero-scale leakage currents that double every 10
°C. The DAC output
voltage is determined by VREF and the digital data (D) according to Equation 1:
Note that the output polarity is opposite of the VREF polarity for dc reference voltages.
Figure 54. Typical Equivalent DAC Channel
The DAC is also designed to accommodate ac reference input signals. The DAC8814 accommodates input
reference voltages in the range of -12 V to +12 V. The reference voltage inputs exhibit a constant nominal input
resistance of 5 k
Ω, ± 30%. On the other hand, the DAC outputs I
OUTA, B, C, D are code-dependent and produce
various output resistances and capacitances.
The choice of external amplifier should take into account the variation in impedance generated by the DAC8814
on the amplifiers' inverting input node. The feedback resistance, in parallel with the DAC ladder resistance,
dominates output voltage noise. For multiplying mode applications, an external feedback compensation capacitor
(CFB) may be needed to provide a critically damped output response for step changes in reference input
voltages.
Figure 26 shows the gain vs frequency performance at various attenuation settings using a 23 pF external
feedback capacitor connected across the IOUTX and RFBX terminals. In order to maintain good analog
performance, power supply bypassing of 0.01 µF, in parallel with 1 µF, is recommended. Under these conditions,
clean power supply with low ripple voltage capability should be used. Switching power supplies is usually not
suitable for this application due to the higher ripple voltage and PSS frequency-dependent characteristics. It is
best to derive the DAC8814 5-V supply from the system analog supply voltages. (Do not use the digital 5-V
supply.) See Figure 55.
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com