Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8814IBDBR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8814IBDBR
Description  Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8814IBDBR Datasheet(HTML) 5 Page - Texas Instruments

  DAC8814IBDBR Datasheet HTML 1Page - Texas Instruments DAC8814IBDBR Datasheet HTML 2Page - Texas Instruments DAC8814IBDBR Datasheet HTML 3Page - Texas Instruments DAC8814IBDBR Datasheet HTML 4Page - Texas Instruments DAC8814IBDBR Datasheet HTML 5Page - Texas Instruments DAC8814IBDBR Datasheet HTML 6Page - Texas Instruments DAC8814IBDBR Datasheet HTML 7Page - Texas Instruments DAC8814IBDBR Datasheet HTML 8Page - Texas Instruments DAC8814IBDBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
www.ti.com
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AGNDA
IOUTA
VREFA
RFBA
MSB
RS
VDD
CS
CLK
SDI
RFBB
VREFB
IOUTB
AGNDB
AGNDD
IOUTD
VREFD
RFBD
DGND
VSS
AGNDF
LDAC
SDO
NC(1)
RFBC
VREFC
IOUTC
AGNDC
DAC8814
(TOP VIEW)
NOTE (1): NC − No internal connection
DAC8814
SBAS338 – JANUARY 2005
PIN DESCRIPTION
PIN
NAME
DESCRIPTION
1, 14, 15, 28
AGNDA, AGNDB, AGNDC, AGNDD DAC A, B, C, D Analog ground.
2, 13, 16, 27
IOUTA, IOUTB, IOUTC, IOUTD
DAC A, B, C, D Current output.
DAC A, B, C, D Reference voltage input terminal. Establishes DAC A, B, C, D full-scale
3, 12, 17, 26
VREFA, VREFB, VREFC, VREFD
output voltage. Can be tied to VDD.
4, 11, 18, 25
RFBA, RFBB, RFBC, RFBD
Establish voltage output for DAC A, B, C, D by connecting to external amplifier output.
5
MSB
MSB Bit set during a reset pulse (RS) or at system power on if tied to ground or VDD.
Reset pin, active low. Input register and DAC registers are set to all zeros or half scale
6
RS
code (8000h) determined by the voltage on the MSB pin. Register data = 8000h when
MSB = 1.
7
VDD
Positive power supply input. Specified range of operation 5 V
±10%.
Chip-select; active low input. Disables shift register loading when high. Transfers shift
8
CS
register data to input register when CS/LDAC goes high. Does not affect LDAC operation.
9
CLK
Clock input; positive edge triggered clocks data into shift register
10
SDI
Serial data input; data loads directly into the shift register.
19
NC
Not connected; leave floating.
Serial data output; input data loads directly into shift register. Data appears at SDO, 19
20
SDO
clock pulses after input at the SDI pin.
Load DAC register strobe; level sensitive active low. Tranfers all input register data to the
21
LDAC
DAC registers. Asynchronous active low input. See Table 1 for operation.
22
AGNDF
High current analog force ground.
23
VSS
Negative bias power-supply input. Specified range of operation -0.3 V to -5.5 V.
24
DGND
Digital ground.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com