Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8814IBDBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8814IBDBR
Description  Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8814IBDBR Datasheet(HTML) 1 Page - Texas Instruments

  DAC8814IBDBR Datasheet HTML 1Page - Texas Instruments DAC8814IBDBR Datasheet HTML 2Page - Texas Instruments DAC8814IBDBR Datasheet HTML 3Page - Texas Instruments DAC8814IBDBR Datasheet HTML 4Page - Texas Instruments DAC8814IBDBR Datasheet HTML 5Page - Texas Instruments DAC8814IBDBR Datasheet HTML 6Page - Texas Instruments DAC8814IBDBR Datasheet HTML 7Page - Texas Instruments DAC8814IBDBR Datasheet HTML 8Page - Texas Instruments DAC8814IBDBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
16
DAC
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
A0
A1
EN
A
B
C
D
2:4
Decode
SDO
SDI
CS
CLK
DGND
RS
MSB
LDAC
VSS
AGNDF
AGNDD
IOUTD
RFBD
AGNDC
IOUTC
RFBC
AGNDB
IOUTC
RFBB
AGNDA
IOUTA
RFBA
A B C D
VREF
Input
Register
R
Input
Register
R
Input
Register
R
Input
Register
R
Power-on
Reset
DAC A
Register
R
DAC B
Register
R
DAC C
Register
R
DAC D
Register
R
DAC A
DAC B
DAC C
DAC D
DAC8814
SBAS338 – JANUARY 2005
Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
•
Relative Accuracy: 1 LSB Max
The DAC8814 is a quad, 16-bit, current-output digi-
•
Differential Nonlinearity: 1 LSB Max
tal-to-analog converter (DAC) designed to operate
from a single +2.7 V to 5.0 V supply.
•
2-mA Full-Scale Current
±20%,
with VREF = ±10 V
The applied external reference input voltage VREF
•
0.5 µs Settling Time
determines the full-scale output current. An internal
feedback resistor (RFB) provides temperature tracking
•
Midscale or Zero-Scale Reset
for the full-scale output when combined with an
•
Four Separate 4Q Multiplying Reference
external I-to-V precision amplifier.
Inputs
A doubled buffered serial data interface offers
•
Reference Bandwidth: 10 MHz
high-speed, 3-wire, SPI and microcontroller compat-
•
Reference Dynamics: -105 dB THD
ible inputs using serial data in (SDI), clock (CLK), and
•
SPI™-Compatible 3-Wire Interface:
a chip-select (CS). In addition, a serial data out pin
50 MHz
(SDO) allows for daisy-chaining when multiple pack-
•
Double Buffered Registers Enable
ages are used. A common level-sensitive load DAC
strobe (LDAC) input allows simultaneous update of all
•
Simultaneous Multichannel Change
DAC outputs from previously loaded input registers.
•
Internal Power On Reset
Additionally, an internal power on reset forces the
•
Industry-standard Pin Configuration
output voltage to zero at system turn on. An MSB pin
allows system reset assertion (RS) to force all regis-
ters to zero code when MSB = 0, or to half-scale
code when MSB = 1.
•
Automatic Test Equipment
•
Instrumentation
The DAC8814 is available in an SSOP package.
•
Digitally Controlled Calibration
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SPI is a trademark of Motorola, Inc.
PRODUCT PREVIEW information concerns products in the forma-
Copyright © 2005, Texas Instruments Incorporated
tive or design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the
right to change or discontinue these products without notice.


Similar Part No. - DAC8814IBDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8814IBDBR TI1-DAC8814IBDBR Datasheet
3Mb / 27P
Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814IBDBRG4 TI1-DAC8814IBDBRG4 Datasheet
3Mb / 27P
Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8814IBDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803_15 Datasheet
2Mb / 26P
Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com