Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 21Page - Analog Devices AD9957/PCBZ Datasheet HTML 22Page - Analog Devices AD9957/PCBZ Datasheet HTML 23Page - Analog Devices AD9957/PCBZ Datasheet HTML 24Page - Analog Devices AD9957/PCBZ Datasheet HTML 25Page - Analog Devices AD9957/PCBZ Datasheet HTML 26Page - Analog Devices AD9957/PCBZ Datasheet HTML 27Page - Analog Devices AD9957/PCBZ Datasheet HTML 28Page - Analog Devices AD9957/PCBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
Data Sheet
AD9957
Rev. F | Page 25 of 61
QUADRATURE MODULATOR
The digital quadrature modulator stage shifts the frequency of
the baseband spectrum of the incoming data stream up to the
desired carrier frequency (a process known as upconversion).
At this point, the baseband data, which was delivered to the
device at an I/Q sample rate of fIQ, has been upsampled to a rate
equal to the frequency of SYSCLK, making the data sampling
rate equal to the sampling rate of the carrier signal.
A direct digital synthesizer (DDS) controls the frequency of the
carrier signal. The DDS very precisely generates the desired
carrier frequency from the internal reference clock (SYSCLK).
The carrier is applied to the I and Q multipliers in quadrature
fashion (90° phase offset) and summed, yielding a data stream
that represents the quadrature modulated carrier.
The modulation is performed digitally, avoiding the phase
offset, gain imbalance, and crosstalk issues commonly associated
with analog modulators. Note that the modulated, so-called
signal is a number stream sampled at the rate of SYSCLK, the
same rate at which the DAC is clocked.
A spectral invert bit controls the orientation of the modulated
signal with respect to the carrier. This bit resides in each of the
eight profile registers. By default, the time domain output of the
quadrature modulator takes the form
I(t) × cos(ωt) − Q(t) × sin(ωt)
(2)
When the spectral invert bit is asserted, it becomes
I(t) × cos(ωt) + Q(t) × sin(ωt)
(3)
DDS CORE
The direct digital synthesizer (DDS) block generates sine
and/or cosine signals. In single tone mode, the DDS generates
either a digital sine or cosine waveform based on the select DDS
sine output bit. In QDUC mode, the DDS generates the quadra-
ture carrier reference signal that digitally modulates the I/Q
baseband signal.
The DDS output frequency is tuned using registers accessed via
the serial I/O port. This allows for both precise tuning and
instantaneous changing of the carrier frequency.
The equation relating output frequency (fOUT) of the DDS to the
frequency tuning word (FTW) and the system clock (fSYSCLK) is
SYSCLK
OUT
f
FTW
f
=
32
2
(4)
where FTW is a decimal number from 0 to 2,147,483,647 (231 − 1).
Solving for FTW yields


=
SYSCLK
OUT
f
f
round
FTW
32
2
(5)
where the round() function means to round the result to the
nearest integer. For example, for fOUT = 41 MHz and fSYSCLK =
122.88 MHz, then FTW = 1,433,053,867 (0x556AAAAB).
In single tone mode, the DDS frequency, phase, and amplitude
are all programmable via the serial I/O port. The amplitude
is controlled by means of a digital multiplier using a 14-bit
fractional scale value called the amplitude scale factor (ASF).
The LSB weight is 2−14, yielding a multiplier range of 0 to
0.99993896484375 (1 − 2−14). To bypass the ASF multiplier,
program the appropriate control register bit (see the details of
CFR2, Bit 24 in the Register Bit Descriptions section). When
bypassed, the ASF multiplier clocks are disabled to conserve
power. The phase offset is controlled by means of a digital adder
that uses a 14-bit offset value called the phase offset word (POW).
The adder is situated between the phase accumulator and the
angle-to-amplitude conversion logic in the DDS core. The adder
applies the POW to the instantaneous phase values produced by
the DDS phase accumulator. The adder is MSB aligned with the
phase accumulator yielding an LSB weight of 2−14 (which equates to
a resolution of ~0.022° or ~0.000383 radians). Both the ASF and
the POW are available for each of the eight profiles.
INVERSE SINC FILTER
The sampled carrier data stream is the input to the digital-to-
analog converter. The DAC output spectrum is shaped by the
characteristic sin(x)/x (or sinc) envelope, due to the intrinsic
zero-order hold effect associated with DAC-generated signals.
The shape of the sinc envelope is well known and can be
compensated for. The inverse sinc filter preceding the DAC
provides this compensation.
The inverse sinc filter is implemented as a digital FIR filter. Its
response characteristic very nearly matches the inverse of the
sinc envelope, as shown in Figure 37 (along with the sinc
envelope for comparison).
The inverse sinc filter is enabled through a bit in the register
map. The filter tap coefficients are listed in Table 4. The filter
predistorts the data prior to its arrival at the DAC to compensate
for the sinc envelope that otherwise distorts the spectrum.
When the inverse sinc filter is enabled, it introduces a ~3.0 dB
insertion loss. The inverse sinc compensation is effective for
output frequencies up to 40% (nominally) of the DAC sample rate.
Table 4. Inverse Sinc Filter Tap Coefficients
Tap No.
Tap Value
Tap No.
1
−35
7
2
+134
6
3
−562
5
4
+6729
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com