Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 56 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 52Page - Analog Devices AD9957/PCBZ Datasheet HTML 53Page - Analog Devices AD9957/PCBZ Datasheet HTML 54Page - Analog Devices AD9957/PCBZ Datasheet HTML 55Page - Analog Devices AD9957/PCBZ Datasheet HTML 56Page - Analog Devices AD9957/PCBZ Datasheet HTML 57Page - Analog Devices AD9957/PCBZ Datasheet HTML 58Page - Analog Devices AD9957/PCBZ Datasheet HTML 59Page - Analog Devices AD9957/PCBZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 61 page
background image
AD9957
Data Sheet
Rev. F | Page 56 of 61
Bit (s)
Mnemonic
Description
9
OSK (Output Shift
Keying) Enable
0: OSK disabled (default).
1: OSK enabled.
8
Select Auto-OSK
Ineffective unless CFR1, Bit 9 = 1.
0: manual OSK enabled (default).
1: automatic OSK enabled.
7
Digital Power-
Down
This bit is effective without the need for an I/O update.
0: clock signals to the digital core are active (default).
1: clock signals to the digital core are disabled.
6
DAC Power-Down
0: DAC clock signals and bias circuits are active (default).
1: DAC clock signals and bias circuits are disabled.
5
REFCLK Input
Power-Down
This bit is effective without the need for an I/O update.
0: REFCLK input circuits and PLL are active (default).
1: REFCLK input circuits and PLL are disabled.
4
Auxiliary DAC
Power-Down
0: auxiliary DAC clock signals and bias circuits are active (default).
1: auxiliary DAC clock signals and bias circuits are disabled.
3
External Power-
Down Control
0: assertion of the EXT_PWR_DWN pin affects full power-down (default).
1: assertion of the EXT_PWR_DWN pin affects fast recovery power-down.
2
Auto Power-Down
Enable
Ineffective when CFR1[25:24] = 01b.
0: disable power-down (default).
1: when the TxENABLE pin is Logic 0, the baseband signal processing chain is flushed of residual data and the
clocks are automatically stopped. Clocks restart when the TxENABLE pin is a Logic 1.
1
SDIO Input Only
0: configures the SDIO pin for bidirectional operation; 2-wire serial programming mode (default).
1: configures the serial data I/O pin (SDIO) as an input only pin; 3-wire serial programming mode.
0
LSB First
0: configures the serial I/O port for MSB first format (default).
1: configures the serial I/O port for LSB first format.
Control Function Register 2 (CFR2)
Address 0x01, four bytes are assigned to this register.
Table 19. Bit Descriptions for CFR2 Register
Bit (s)
Mnemonic
Description
31
Blackfin Interface Mode Active
Valid only when CFR1[25:24] = 00b (quadrature modulation mode).
0: Pin D[17:0] configured as an 18-bit parallel port (default).
1: Pin D[5:4] configured as a dual serial port compatible with the Blackfin serial interface.
Pin D[17:6] and Pin D[3:0] become available as a 16-bit GPIO port.
30
Blackfin Bit Order
Valid only when CFR2, Bit 31 = 1.
0: the dual serial port (BFI) configured for MSB first operation (default).
1: the dual serial port (BFI) configured for LSB first operation.
29
Blackfin Early Frame Sync Enable
Valid only when CFR2, Bit 31 = 1.
0: the dual serial port (BFI) configured to be compatible with Blackfin late frame sync
operation (default).
1: the dual serial port (BFI) configured to be compatible with Blackfin early frame sync
operation.
[28:25]
Open
24
Enable Profile Registers as ASF Source
Valid only when CFR1[25:24] = 01b (single tone mode) and CFR1, Bit 9 = 0 (OSK disabled).
0: amplitude scale factor bypassed (unity gain).
1: the active profile register determines the amplitude scale factor.
23
Internal I/O Update Active
This bit is effective without the need for an I/O update.
0: serial I/O programming is synchronized with external assertion of the I/O_UPDATE pin,
which is configured as an input pin (default).
1: serial I/O programming is synchronized with an internally generated I/O update signal
(the internally generated signal appears at the I/O_UPDATE pin, which is configured as
an output pin).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com