Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 50 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 50 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 46Page - Analog Devices AD9957/PCBZ Datasheet HTML 47Page - Analog Devices AD9957/PCBZ Datasheet HTML 48Page - Analog Devices AD9957/PCBZ Datasheet HTML 49Page - Analog Devices AD9957/PCBZ Datasheet HTML 50Page - Analog Devices AD9957/PCBZ Datasheet HTML 51Page - Analog Devices AD9957/PCBZ Datasheet HTML 52Page - Analog Devices AD9957/PCBZ Datasheet HTML 53Page - Analog Devices AD9957/PCBZ Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 61 page
background image
AD9957
Data Sheet
Rev. F | Page 50 of 61
REGISTER MAP AND BIT DESCRIPTIONS
REGISTER MAP
Note that the highest number found in the Bit Range column for each register in the following tables is the MSB and the lowest number is
the LSB for that register.
Table 13. Control Registers
Register
Name
(Serial
Address)
Bit
Range
(Internal
Address)
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Control
Function
Register 1
CFR1
(0x00)
[31:24]
RAM
Enable
Open
RAM
Playback
Destination
Open
Operating Mode
0x00
[23:16]
Manual
OSK
External
Control
Inverse
Sinc Filter
Enable
Clear CCI
Open
Select
DDS
Sine
Output
0x00
[15:8]
Open
Autoclear
Phase
Accumulator
Open
Clear Phase
Accumulator
Load ARR at
I/O Update
OSK
Enable
Select
Auto-
OSK
0x00
[7:0]
Digital
Power-
Down
DAC Power-
Down
REFCLK Input
Power-Down
Aux DAC
Power-Down
External
Power-Down
Control
Auto
Power-Down
Enable
SDIO
Input Only
LSB First
0x00
Control
Function
Register 2
CFR2
(0x01)
[31:24]
Blackfin
Interface
Mode
Active
Blackfin Bit
Order
Blackfin
Early Frame
Sync Enable
Open
Enable
Profile
Registers
as ASF
Source
0x00
[23:16]
Internal
I/O
Update
Active
SYNC_CLK
Enable
Open
Read
Effective
FTW
0x40
[15:8]
I/O Update Rate Control
PDCLK Rate
Control
Data Format
PDCLK
Enable
PDCLK
Invert
TxENABLE
Invert
Q-First
Data
Pairing
0x08
[7:0]
Open
Data
Assembler
Hold Last
Value
Sync Timing
Validation
Disable
Open
0x20
Control
Function
Register 3
CFR3
(0x02)
[31:24]
Open
DRV0[1:0]
Open
VCO SEL[2:0]
0x1F
[23:16]
Open
ICP[2:0]
Open
0x3F
[15:8]
REFCLK
Input
Divider
Bypass
REFCLK
Input
Divider
ResetB
Open
PLL
Enable
0x40
[7:0]
N[6:0]
Open
0x00
Auxiliary
DAC
Control
Register
(0x03)
[31:24]
Open
0x00
[23:16]
Open
0x00
[15:8]
Open
0x7F
[7:0]
FSC[7:0]
0x7F
I/O Update
Rate
Register
(0x04)
[31:24]
I/O Update Rate[31:24]
0xFF
[23:16]
I/O Update Rate[23:16]
0xFF
[15:8]
I/O Update Rate[15:8]
0xFF
[7:0]
I/O Update Rate[7:0]
0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com