Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 51 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 47Page - Analog Devices AD9957/PCBZ Datasheet HTML 48Page - Analog Devices AD9957/PCBZ Datasheet HTML 49Page - Analog Devices AD9957/PCBZ Datasheet HTML 50Page - Analog Devices AD9957/PCBZ Datasheet HTML 51Page - Analog Devices AD9957/PCBZ Datasheet HTML 52Page - Analog Devices AD9957/PCBZ Datasheet HTML 53Page - Analog Devices AD9957/PCBZ Datasheet HTML 54Page - Analog Devices AD9957/PCBZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 61 page
background image
Data Sheet
AD9957
Rev. F | Page 51 of 61
Table 14. RAM, ASF, Multichip Sync, and Profile 0 Registers
Register Name
(Serial Address)
Bit Range
(Internal
Address)
Bit 7
(MSB)
Bit 6
Bit5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
RAM Segment
Register 0 (0x05)
[47:40]
RAM Address Step Rate 0[15:8]
[39:32]
RAM Address Step Rate 0[7:0]
[31:24]
RAM End Address 0[9:2]
[23:16]
RAM End
Address 0[1:0]
Open
[15:8]
RAM Start Address 0[9:2]
[7:0]
RAM Start
Address 0[1:0]
Open
RAM Playback Mode 0[2:0]
RAM Segment
Register 1 (0x06)
[47:40]
RAM Address Step Rate 1[15:8]
[39:32]
RAM Address Step Rate 1[7:0]
[31:24]
RAM End Address 1[9:2]
[23:16]
RAM End
Address 1[1:0]
Open
[15:8]
RAM Start Address 1[9:2]
[7:0]
RAM Start
Address 1[1:0]
Open
RAM Playback Mode 1[2:0]
Amplitude Scale
Factor (ASF)
Register
(0x09)
[31:24]
Amplitude Ramp Rate[15:8]
0x00
[23:16]
Amplitude Ramp Rate[7:0]
0x00
[15:8]
Amplitude Scale Factor]13:6]
0x00
[7:0]
Amplitude Scale Factor[5:0]
Amplitude Step Size[1:0]
0x00
Multichip Sync
Register (0x0A)
[1:24]
Sync Validation Delay[3:0]
Sync
Receiver
Enable
Sync
Generator
Enable
Sync
Generator
Polarity
Open
0x00
[23:16]
Sync State Preset Value[5:0]
Open
0x00
[15:8]
Sync Generator Delay[4:0]
Open
0x00
[7:0]
Sync Receiver Delay[4:0]
Open
0x00
Profile 0
Register—Single
Tone (0x0E)
[63:56]
Open
Amplitude Scale Factor[13:8]
0x08
[55:48]
Amplitude Scale Factor[7:0]
0xB5
[47:40]
Phase Offset Word[15:8]
0x00
[39:32]
Phase Offset Word[7:0]
0x00
[31:24]
Frequency Tuning Word[31:24]
0x00
[23:16]
Frequency Tuning Word[23:16]
0x00
[15:8]
Frequency Tuning Word[15:8]
0x00
[7:0]
Frequency Tuning Word[7:0]
0x00
Profile 0
Register—QDUC
(0x0E)
[63:56]
CCI Interpolation Rate[7:2]
Spectral Invert
Inverse
CCI Bypass
0x00
[55:48]
Output Scale Factor
0x00
[47:40]
Phase Offset Word[15:8]
0x00
[39:32]
Phase Offset Word[7:0]
0x00
[31:24]
Frequency Tuning Word[31:24]
0x00
[23:16]
Frequency Tuning Word[23:16]
0x00
[15:8]
Frequency Tuning Word[15:8]
0x00
[7:0]
Frequency Tuning Word[7:0]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com