Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 28Page - Analog Devices AD9957/PCBZ Datasheet HTML 29Page - Analog Devices AD9957/PCBZ Datasheet HTML 30Page - Analog Devices AD9957/PCBZ Datasheet HTML 31Page - Analog Devices AD9957/PCBZ Datasheet HTML 32Page - Analog Devices AD9957/PCBZ Datasheet HTML 33Page - Analog Devices AD9957/PCBZ Datasheet HTML 34Page - Analog Devices AD9957/PCBZ Datasheet HTML 35Page - Analog Devices AD9957/PCBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
AD9957
Data Sheet
Rev. F | Page 32 of 61
START ADDRESS
RAM
ADDRESS
END ADDRESS
1
1 PDCLK CYCLE
OR
M DDS CLOCK CYCLES
∆t
I/O_UPDATE OR
RT TRANSITION
2
3
1
∆t
Figure 45. Continuous Bidirectional Ramp Timing Diagram
RAM Continuous Bidirectional Ramp Mode
In continuous bidirectional ramp mode, upon assertion of an
I/O update or a state change on the RT pin, the RAM begins
playback operation using the parameters programmed into the
selected RAM segment register. Data is extracted from RAM
over the specified address range contained in the start address
and end address. The data is delivered at the appropriate rate
and to the destination as specified by the RAM playback
destination bit.
The playback rate is governed by the timer internal to the RAM
state machine and its period (Δt) is determined by the state of
the RAM playback destination bit as detailed in the RAM
Playback Operation section.
After initialization, the internal state machine begins extracting
data from the RAM at the start address of the active RAM segment
register and increments the address counter until it reaches the
end address, at which point the state machine reverses the direc-
tion of the address counter and begins decrementing through
the address range. Whenever one of the terminal addresses is
reached, the state machine reverses the address counter; the
process continues indefinitely.
Note that a change in state of the RT pin aborts the current
waveform and the newly selected RAM segment register is used
to initiate a new waveform.
A graphic representation of the continuous bidirectional ramp
mode is shown in Figure 45. The circled numbers in Figure 45
indicate specific events, explained as follows:
Event 1—an I/O update or state change on the RT pin has
activated the RAM continuous bidirectional ramp mode. The
state machine initializes to the start address of the active RAM
segment register. The state machine begins incrementing
through the specified address range.
Event 2—the state machine reaches the end address of the active
RAM segment register.
Event 3—the state machine reaches the start address of the
active RAM segment register.
The continuous bidirectional ramp continues indefinitely until
the next I/O update or state change on the RT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com