Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 35Page - Analog Devices AD9957/PCBZ Datasheet HTML 36Page - Analog Devices AD9957/PCBZ Datasheet HTML 37Page - Analog Devices AD9957/PCBZ Datasheet HTML 38Page - Analog Devices AD9957/PCBZ Datasheet HTML 39Page - Analog Devices AD9957/PCBZ Datasheet HTML 40Page - Analog Devices AD9957/PCBZ Datasheet HTML 41Page - Analog Devices AD9957/PCBZ Datasheet HTML 42Page - Analog Devices AD9957/PCBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
Data Sheet
AD9957
Rev. F | Page 39 of 61
POWER-DOWN CONTROL
The AD9957 offers the ability to independently power down four
specific sections of the device. Power-down functionality applies
to the digital core, DAC, auxiliary DAC, and REFCLK input.
A power-down of the digital core disables the ability to update
the serial I/O port. However, the digital power-down bit can
still be cleared via the serial port to prevent the possibility of a
nonrecoverable state.
Software power-down is controlled through four independent
power-down bits in CFR1. Software control requires forcing the
EXT_PWR_DWN pin to a Logic 0 state. In this case, setting the
desired power-down bits (via the serial I/O port) powers down
the associated functional block; clearing the bits restores the
function.
Alternatively, all four functions can be simultaneously powered
down via external hardware control through the EXT_PWR_DWN
pin. Forcing this pin to Logic 1 powers down all four circuit
blocks, regardless of the state of the power-down bits. That is,
the independent power-down bits in CFR1 are ignored and
overridden when EXT_PWR_DWN is Logic 1.
Based on the state of the external power-down control bit, the
EXT_PWR_DWN pin produces either a full power-down or a
fast recovery power-down. The fast recovery power-down mode
maintains power to the DAC bias circuitry and the PLL, VCO,
and input section of the REFCLK circuitry. Although the fast
recovery power-down does not conserve as much power as the
full power-down, it allows the device to very quickly awaken
from the power-down state.
GENERAL-PURPOSE I/O (GPIO) PORT
The GPIO function is only available when the AD9957 is
programmed for QDUC mode and the Blackfin interface mode
is active. Because the Blackfin serial interface uses only two of
the 18 parallel data port pins (D[5:4]), the remaining 16 pins
(D[17:6] and D[3:0]) are available as a GPIO port.
Each of these 16 pins is assigned a unique bit in both the 16-bit
GPIO configuration register and the 16-bit GPIO data register.
The status of each bit in the GPIO configuration register assigns
the associated pin as either a GPIO input or output (0 = input,
1 = output) based on the data listed in Table 11.
When a GPIO pin is programmed as an output, the logic state
written to the associated bit of the GPIO data register (via the
serial I/O port) appears at the GPIO pin. When a GPIO pin is
programmed as an input, the logic state of the GPIO pin can be
read (via the serial I/O port) in the associated bit position in the
GPIO data register. Note that the GPIO data register does not
require an I/O update.
Table 11. GPIO Pins vs. Configuration and Data Register Bits
Pin Mnemonic
Configuration Bit
Data Bit
D17
15
15
D16
14
14
D15
13
13
D14
12
12
D13
11
11
D12
10
10
D11
9
9
D10
8
8
D9
7
7
D8
6
6
D7
5
5
D6
4
4
D3
3
3
D2
2
2
D1
1
1
D0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com