Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 57 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 53Page - Analog Devices AD9957/PCBZ Datasheet HTML 54Page - Analog Devices AD9957/PCBZ Datasheet HTML 55Page - Analog Devices AD9957/PCBZ Datasheet HTML 56Page - Analog Devices AD9957/PCBZ Datasheet HTML 57Page - Analog Devices AD9957/PCBZ Datasheet HTML 58Page - Analog Devices AD9957/PCBZ Datasheet HTML 59Page - Analog Devices AD9957/PCBZ Datasheet HTML 60Page - Analog Devices AD9957/PCBZ Datasheet HTML 61Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 57 / 61 page
background image
Data Sheet
AD9957
Rev. F | Page 57 of 61
Bit (s)
Mnemonic
Description
22
SYNC_CLK Enable
0: the SYNC_CLK pin is disabled; static Logic 0 output.
1: the SYNC_CLK pin generates a clock signal at ¼ fSYSCLK; use of synchronization of the
serial I/O port (default).
[21:17]
Open
16
Read Effective FTW
0: a serial I/O port read operation of the FTW register reports the contents of the FTW
register (default).
1: a serial I/O port read operation of the FTW register reports the actual 32-bit word
appearing at the input to the DDS phase accumulator.
[15:14]
I/O Update Rate Control
Ineffective unless CFR2, Bit 23 = 1. Sets the prescale ratio of the divider that clocks the I/O
update timer as follows:
00: divide by 1 (default).
01: divide by 2.
10: divide by 4.
11: divide by 8.
13
PDCLK Rate Control
Ineffective unless CFR2, Bit 31 = 0 and CFR1[25:24] = 00b.
0: PDCLK operates at the input data rate (default).
1: PDCLK operates at ½ the input data rate; useful for maintaining a consistent
relationship between I/Q words at the parallel data port and the internal clocks of the
baseband signal processing chain.
12
Data Format
0: the data-words applied to Pin D[17:0] are expected to be coded as twos complement
(default).
1: the data-words applied to Pin D[17:0] are expected to be coded as offset binary.
11
PDCLK Enable
0: the PDCLK pin is disabled and forced to a static Logic 0 state; the internal clock signal
continues to operate and provide timing to the data assembler.
1: the internal PDCLK signal appears at the PDCLK pin (default).
10
PDCLK Invert
0: normal PDCLK polarity; Q-data associated with Logic 1, I-data with Logic 0 (default).
1: inverted PDCLK polarity.
9
TxENABLE Invert
0: normal TxENABLE polarity; Logic 0 is standby, Logic 1 is transmit (default).
1: inverted TxENABLE polarity; Logic 0 is transmit, Logic 1 is standby.
8
Q-First Data Pairing
0: an I/Q data pair is delivered as I-data first, followed by Q-data (default).
1: an I/Q data pair is delivered as Q-data first, followed by I-data.
7
Open
6
Data Assembler Hold Last Value
Ineffective when CFR1[25:24] = 01b.
0: when the TxENABLE pin is false, the data assembler ignores the input data and
internally forces zeros on the baseband signal path (default).
1: when the TxENABLE pin is false, the data assembler ignores the input data and
internally forces the last value received on the baseband signal path.
5
Sync Timing Validation Disable
0: enables the setup and hold validation circuit to take a measurement; the
measurement result appears at the SYNC_SMP_ERR pin; a Logic 1 at this pin indicates a
potential setup/hold violation whereas a Logic 0 indicates that a setup/hold violation has
not been detected; the measurement result is latched and held until this bit is set to a
Logic 1.
1: resets the setup and hold validation measurement circuit forcing the SYNC_SMP_ERR
pin to a static Logic 0 condition (default); the measurement circuit is effectively disabled
until this bit is restored to a Logic 0 state.
[4:0]
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com