Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 39Page - Analog Devices AD9957/PCBZ Datasheet HTML 40Page - Analog Devices AD9957/PCBZ Datasheet HTML 41Page - Analog Devices AD9957/PCBZ Datasheet HTML 42Page - Analog Devices AD9957/PCBZ Datasheet HTML 43Page - Analog Devices AD9957/PCBZ Datasheet HTML 44Page - Analog Devices AD9957/PCBZ Datasheet HTML 45Page - Analog Devices AD9957/PCBZ Datasheet HTML 46Page - Analog Devices AD9957/PCBZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 61 page
background image
Data Sheet
AD9957
Rev. F | Page 43 of 61
validation result latch; otherwise, a Logic 0 is stored. The state
of validation result latch appears at the SYNC_SMP_ERR pin.
The validation result latch is in a reset state whenever the sync
receiver is disabled, which forces the SYNC_SMP_ERR pin to a
Logic 0 state. To reset the validation result latch when the sync
receiver is active, however, requires the use of the Sync Timing
Validation Disable bit in the multichip sync register. To make a
setup/hold validation measurement is a two-step process. First,
write a Logic 1 to the sync timing validation disable bit. Then,
to make a measurement, write a Logic 0. The first action resets
the validation result latch and holds it in a reset state; the
second action releases the reset state and enables the validation
result latch to capture a setup/hold validation measurement.
Each time a new setup/hold validation check is desired, this
two-step procedure must be performed.
Because the programmed value of the sync validation delay
establishes the time window for a setup/hold measurement,
the amount of delay is an important consideration for proper
operation of the validation block. The value chosen should
represent a small fraction of the SYSCLK period. For example,
if the SYSCLK frequency is 1 GHz (1000 ps period), then a
reasonable sync validation delay value is 4 (~300 ps). This
allows the validation block to ensure that the local SYSCLK
and the delayed SYNC_IN edges exhibit at least 300 ps of
timing separation. Choosing too large a value can cause the
validation block to indicate a setup/hold violation when one
does not exist. Choosing too small a value can cause the
validation block to miss a setup/hold violation when one
actually exists.
SYNC
PULSE
SYSCLK
DELAY
4
4
SYNC VALIDATION
DELAY
SYNC_SMP_ERR
SYNC RECEIVER
SYNC TIMING VALIDATION DISABLE
SETUP
VALIDATION
HOLD
VALIDATION
12
SETUP AND HOLD VALIDATION
TO
CLOCK
GENERATION
LOGIC
FROM
SYNC
RECEIVER
DELAY
LOGIC
D Q
D Q
D Q
DELAY
RISING EDGE
DETECTOR
AND STROBE
GENERATOR
4
Figure 58. Sync Timing Validation Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com