Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6222IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LT6222IGN
Description  Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6222IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6222IGN Datasheet HTML 4Page - Linear Technology LT6222IGN Datasheet HTML 5Page - Linear Technology LT6222IGN Datasheet HTML 6Page - Linear Technology LT6222IGN Datasheet HTML 7Page - Linear Technology LT6222IGN Datasheet HTML 8Page - Linear Technology LT6222IGN Datasheet HTML 9Page - Linear Technology LT6222IGN Datasheet HTML 10Page - Linear Technology LT6222IGN Datasheet HTML 11Page - Linear Technology LT6222IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT6220/LT6221/LT6222
8
sn622012 622012fs
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = –5V
●
150
800
µV
VCM = –5V (DD Package)
●
300
1300
µV
VCM = –5V (S5 Package)
●
350
2000
µV
VCM = 5V
●
0.75
3.5
mV
VCM = 5V (S5 Package)
●
1
4.5
mV
∆VOS
Input Offset Voltage Shift
VCM = – 5V to 3.5V
●
90
950
µV
Input Offset Voltage Match (Channel-to-Channel) VCM = –5V
●
175
1350
µV
(Note 9)
VCM = –5V (DD Package)
●
300
2200
µV
VOS TC
Input Offset Voltage Drift (Note 8)
●
1.5
7.5
µV/°C
(S5 Package)
●
3.5
15
µV/°C
IB
Input Bias Current
VCM = –4V
●
25
200
nA
VCM = 4.8V
●
300
900
nA
Input Bias Current Match (Channel-to-Channel)
VCM = –4V
●
15
250
nA
(Note 9)
VCM = 4.8V
●
20
350
nA
IOS
Input Offset Current
VCM = –4V
●
20
150
nA
VCM = 4.8V
●
20
150
nA
AVOL
Large Signal Voltage Gain
VO = –4V to 4V, RL = 1k
●
25
70
V/mV
VO = –1V to 1V, RL = 100Ω
●
2.5
8
V/mV
CMRR
Common Mode Rejection Ratio
VCM = –5V to 3.5V
●
79
100
dB
CMRR Match (Channel-to-Channel) (Note 9)
●
74
100
dB
Input Common Mode Range
●
–5
5
V
PSRR
Power Supply Rejection Ratio
VS
+ = 2.5V to 10V, VS– = 0V, VCM = 0V
●
79
104
dB
PSRR Match (Channel-to-Channel) (Note 9)
●
74
104
dB
VOL
Output Voltage Swing LOW (Note 7)
No Load
●
10
60
mV
ISINK = 5mA
●
120
240
mV
ISINK = 10mA
●
220
450
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
●
10
60
mV
ISOURCE = 5mA
●
160
325
mV
ISOURCE = 10mA
●
325
650
mV
ISC
Short-Circuit Current
●
12.5
30
mA
IS
Supply Current
●
1.4
2.25
mA
GBW
Gain-Bandwidth Product
Frequency = 1MHz
●
50
MHz
SR
Slew Rate
AV = –1, RL = 1k, VO = ±4V,
●
15
V/µs
Measure at VO = ±2V
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The inputs are protected by back-to-back diodes. If the differential
input voltage exceeds 1.4V, the input current should be limited to less than
10mA.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 4: The LT6220C/LT6221C/LT6222C and LT6220I/LT6221I/LT6222I
are guaranteed functional over the temperature range of –40°C and 85°C.
Note 5: The LT6220C/LT6221C/LT6222C are guaranteed to meet specified
performance from 0°C to 70°C. The LT6220C/LT6221C/LT6222C are
designed, characterized and expected to meet specified performance from
–40°C to 85°C but is not tested or QA sampled at these temperatures. The
LT6220I/LT6221I/LT6222I are guaranteed to meet specified performance
from –40°C to 85°C.
Note 6: Minimum supply voltage is guaranteed by power supply rejection
ratio test.
Note 7: Output voltage swings are measured between the output and
power supply rails.
Note 8: This parameter is not 100% tested.
Note 9: Matching parameters are the difference between amplifiers A and
D and between B and C on the LT6222; between the two amplifiers on the
LT6221.
Note 10: Thermal resistance (θJA) varies with the amount of PC board
metal connected to the package. The specified values are for short traces
connected to the leads. If desired, the thermal resistance can be
substantially reduced by connecting Pin 2 of the LT6220CS5/LT6220IS5 or
the underside metal of DD packages to a larger metal area (VS– trace).
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the –40°C ≤ T
A ≤ 85°C
temperature range. VS = ±5V, VCM = 0V, VOUT = 0V, unless otherwise noted. (Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com